Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5335IPZ Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5335IPZ
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5335IPZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F5335IPZ Datasheet HTML 35Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 36Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 37Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 38Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 39Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 40Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 41Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 42Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
MSP430F5338, MSP430F5336, MSP430F5335, MSP430F5333
www.ti.com
SLAS721D – AUGUST 2010 – REVISED DECEMBER 2015
5.40 REF, External Reference
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Positive external
VeREF+
VeREF+ > VREF-/VeREF-
(2)
1.4
AVCC
V
reference voltage input
Negative external
VREF-/VeREF-
VeREF+ > VREF-/VeREF-
(3)
0
1.2
V
reference voltage input
VeREF+ –
Differential external
VeREF+ > VREF-/VeREF-
(4)
1.4
AVCC
V
VREF-/VeREF-
reference voltage input
1.4 V
≤ VeREF+ ≤ VAVCC , VeREF- = 0 V,
fADC12CLK = 5 MHz, ADC12SHTx = 1h,
2.2 V, 3 V
–26
26
Conversion rate 200 ksps
IVeREF+, IVREF-
Static input current
µA
/VeREF-
1.4 V
≤ VeREF+ ≤ VAVCC , VeREF- = 0 V,
fADC12CLK = 5 MHZ, ADC12SHTx = 8h,
2.2 V, 3 V
–1.2
+1.2
Conversion rate 20 ksps
Capacitance at VREF+
CVREF+/-
10
µF
or VREF- terminal(5)
(1)
The external reference is used during ADC conversion to charge and discharge the capacitance array. The input capacitance, Ci, is also
the dynamic load for an external reference during conversion. The dynamic impedance of the reference supply should follow the
recommendations on analog-source impedance to let the charge settle for 12-bit accuracy.
(2)
The accuracy limits the minimum positive external reference voltage. Lower reference voltage levels may be applied with reduced
accuracy requirements.
(3)
The accuracy limits the maximum negative external reference voltage. Higher reference voltage levels may be applied with reduced
accuracy requirements.
(4)
The accuracy limits minimum external differential reference voltage. Lower differential reference voltage levels may be applied with
reduced accuracy requirements.
(5)
Two decoupling capacitors, 10 µF and 100 nF, should be connected to VREF to decouple the dynamic current required for an external
reference source if it is used for the ADC12_A. See also the MSP430x5xx and MSP430x6xx Family User's Guide (SLAU208).
Copyright © 2010–2015, Texas Instruments Incorporated
Specifications
39
Submit Documentation Feedback
Product Folder Links: MSP430F5338 MSP430F5336 MSP430F5335 MSP430F5333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com