Electronic Components Datasheet Search
  English  ▼

X  

RM41L232 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # RM41L232
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM41L232 Datasheet(HTML) 1 Page - Texas Instruments

  RM41L232 Datasheet HTML 1Page - Texas Instruments RM41L232 Datasheet HTML 2Page - Texas Instruments RM41L232 Datasheet HTML 3Page - Texas Instruments RM41L232 Datasheet HTML 4Page - Texas Instruments RM41L232 Datasheet HTML 5Page - Texas Instruments RM41L232 Datasheet HTML 6Page - Texas Instruments RM41L232 Datasheet HTML 7Page - Texas Instruments RM41L232 Datasheet HTML 8Page - Texas Instruments RM41L232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
RM41L232
SPNS240A – OCTOBER 2014 – REVISED JUNE 2015
RM41L232 16- and 32-Bit RISC Flash Microcontroller
1
Device Overview
1.1
Features
1
• High-Performance Microcontroller for Safety-
• Multiple Communication Interfaces
Critical Applications
– Two CAN Controllers (DCANs)
– Dual CPUs Running in Lockstep
•
DCAN1 - 32 Mailboxes With Parity
– ECC on Flash and RAM Interfaces
Protection
– Built-In Self-Test for CPU and On-Chip RAMs
•
DCAN2 - 16 Mailboxes With Parity
Protection
– Error Signaling Module With Error Pin
•
Compliant to CAN Protocol Version 2.0B
– Voltage and Clock Monitoring
– Multibuffered Serial Peripheral Interface
• ARM® Cortex®-R4 32-Bit RISC CPU
(MibSPI) Module
– Efficient 1.66 DMIPS/MHz With 8-Stage Pipeline
•
128 Words With Parity Protection
– 8-Region Memory Protection Unit (MPU)
– Two Standard Serial Peripheral Interface (SPI)
– Open Architecture With Third-Party Support
Modules
• Operating Conditions
– UART (SCI) Interface With Local Interconnect
– 80-MHz System Clock
Network (LIN 2.1) Interface Support
– Core Supply Voltage (VCC): 1.2-V Nominal
• Next Generation High-End Timer (N2HET) Module
– I/O Supply Voltage (VCCIO): 3.3-V Nominal
– Up to 19 Programmable Pins
– ADC Supply Voltage (VCCAD): 3.3-V Nominal
– 128-Word Instruction RAM With Parity
• Integrated Memory
Protection
– 128KB of Program Flash With ECC
– Includes Hardware Angle Generator
– 32KB of RAM With ECC
– Dedicated High-End Timer Transfer Unit (HTU)
– 16KB of Flash for Emulated EEPROM With
With MPU
ECC
• Enhanced Quadrature Encoder Pulse (eQEP)
• Hercules™ Common Platform Architecture
Module
– Consistent Memory Map Across Family
– Motor Position Encoder Interface
– Real-Time Interrupt (RTI) Timer (OS Timer)
• 12-Bit Multibuffered Analog-to-Digital Converter
– 96-Channel Vectored Interrupt Module (VIM)
(ADC) Module
– 2-Channel Cyclic Redundancy Checker (CRC)
– 16 Channels
• Frequency-Modulated Phase-Locked Loop
– 64 Result Buffers With Parity Protection
(FMPLL) With Built-In Slip Detector
• Up to 45 General-Purpose Input/Output (GPIO)
• IEEE 1149.1 JTAG Boundary Scan and ARM
Pins
CoreSight™ Components
– 8 Dedicated Interrupt-Capable GPIO Pins
• Advanced JTAG Security Module (AJSM)
• Package
– 100-Pin Quad Flatpack (PZ) [Green]
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - RM41L232

ManufacturerPart #DatasheetDescription
logo
Sames
RM4104ASEB SAMES-RM4104ASEB Datasheet
252Kb / 16P
Low-Cost Watt-Hour Energy Meter
logo
KOA Speer Electronics, ...
RM412DTTE1R0J KOA-RM412DTTE1R0J Datasheet
99Kb / 2P
fixed metal film melf resistors
RM412HTTE1R0J KOA-RM412HTTE1R0J Datasheet
99Kb / 2P
fixed metal film melf resistors
logo
Texas Instruments
RM4136 TI-RM4136 Datasheet
83Kb / 5P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RM4136 TI-RM4136 Datasheet
217Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Similar Description - RM41L232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
16- and 32-Bit RISC Flash Microcontroller
RM46L450 TI1-RM46L450_15 Datasheet
8Mb / 189P
16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
16- and 32-Bit RISC Flash Microcontroller
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com