Electronic Components Datasheet Search
  English  ▼

X  

RM41L232 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # RM41L232
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM41L232 Datasheet(HTML) 10 Page - Texas Instruments

Back Button RM41L232 Datasheet HTML 6Page - Texas Instruments RM41L232 Datasheet HTML 7Page - Texas Instruments RM41L232 Datasheet HTML 8Page - Texas Instruments RM41L232 Datasheet HTML 9Page - Texas Instruments RM41L232 Datasheet HTML 10Page - Texas Instruments RM41L232 Datasheet HTML 11Page - Texas Instruments RM41L232 Datasheet HTML 12Page - Texas Instruments RM41L232 Datasheet HTML 13Page - Texas Instruments RM41L232 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
RM41L232
SPNS240A – OCTOBER 2014 – REVISED JUNE 2015
www.ti.com
4.2
Terminal Functions
Table 4-1 through Table 4-16 identify the external signal names, the associated pin numbers along with
the mechanical package designator, the pin type (Input, Output, I/O, Power, or Ground), whether the pin
has any internal pullup/pulldown, whether the pin can be configured as a GPIO, and a functional pin
description.
NOTE
In the Terminal Functions table below, the "Reset Pull State" is the state of the pull applied to
the terminal while nPORRST is low and immediately after nPORRST goes High. The default
pull direction may change when software configures the pin for an alternate function. The
"Pull Type" is the type of pull asserted when the signal name in bold is enabled for the given
terminal by the IOMM control registers.
All I/O signals except nRST are configured as inputs while nPORRST is low and
immediately after nPORRST goes High. While nPORRST is low, the input buffers
are disabled, and the output buffers are disabled with the default pulls enabled.
All output-only signals have the output buffer disabled and the default pull enabled
while nPORRST is low, and are configured as outputs with the pulls disabled
immediately after nPORRST goes High.
4.2.1
High-End Timer (N2HET)
Table 4-1. High-End Timer (N2HET)
TERMINAL
SIGNAL
RESET
PULL TYPE
DESCRIPTION
TYPE
PULL
SIGNAL NAME
100
STATE
PZ
N2HET[0]
19
I/O
Pulldown
Programmable,
Timer input capture or output compare. The
20 µA
N2HET applicable terminals can be programmed
N2HET[2]
22
as general-purpose input/output (GPIO).
N2HET[4]
25
Each terminal has a suppression filter with a
programmable duration.
N2HET[6]
26
N2HET[8]
74
N2HET[10]
83
N2HET[12]
89
N2HET[14]
90
N2HET[16]
97
MIBSPI1nCS[1]/EQEPS/
93
N2HET[17]
N2HET[18]
98
MIBSPI1nCS[2]/N2HET[20]/
27
N2HET[19]
MIBSPI1nCS[2]/N2HET[20]/
27
N2HET[19]
N2HET[22]
11
N2HET[24]
64
MIBSPI1nCS[3]/N2HET[26]
39
ADEVT/N2HET[28]
58
GIOA[7]/N2HET[29]
18
MIBSPI1nENA/N2HET[23]/
68
N2HET[30]
GIOA[6]/SPI2nCS[1]/N2HET[31]
12
10
Terminal Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RM41L232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com