Electronic Components Datasheet Search
  English  ▼

X  

CGH40120P Datasheet(PDF) 11 Page - Cree, Inc

Part # CGH40120P
Description  120 W, RF Power GaN HEMT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40120P Datasheet(HTML) 11 Page - Cree, Inc

Back Button CGH40120P Datasheet HTML 4Page - Cree, Inc CGH40120P Datasheet HTML 5Page - Cree, Inc CGH40120P Datasheet HTML 6Page - Cree, Inc CGH40120P Datasheet HTML 7Page - Cree, Inc CGH40120P Datasheet HTML 8Page - Cree, Inc CGH40120P Datasheet HTML 9Page - Cree, Inc CGH40120P Datasheet HTML 10Page - Cree, Inc CGH40120P Datasheet HTML 11Page - Cree, Inc CGH40120P Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
CGH40120P Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2012-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Product Ordering Information
Order Number
Description
Unit of Measure
Image
CGH40120P
GaN HEMT
Each
CGH40120P-TB
Test board without GaN HEMT
Each
CGH40120P-AMP
Test board with GaN HEMT installed
Each



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com