Electronic Components Datasheet Search
  English  ▼

X  

CGH40120P Datasheet(PDF) 12 Page - Cree, Inc

Part # CGH40120P
Description  120 W, RF Power GaN HEMT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40120P Datasheet(HTML) 12 Page - Cree, Inc

Back Button CGH40120P Datasheet HTML 4Page - Cree, Inc CGH40120P Datasheet HTML 5Page - Cree, Inc CGH40120P Datasheet HTML 6Page - Cree, Inc CGH40120P Datasheet HTML 7Page - Cree, Inc CGH40120P Datasheet HTML 8Page - Cree, Inc CGH40120P Datasheet HTML 9Page - Cree, Inc CGH40120P Datasheet HTML 10Page - Cree, Inc CGH40120P Datasheet HTML 11Page - Cree, Inc CGH40120P Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
CGH40120P Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2012-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Disclaimer
Specifications are subject to change without notice. Cree, Inc. believes the information contained within this data sheet to be accurate
and reliable. However, no responsibility is assumed by Cree for any infringement of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any patent or patent rights of Cree. Cree makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose. “Typical” parameters are the average
values expected by Cree in large quantities and are provided for information purposes only. These values can and do vary in different
applications and actual performance can vary over time. All operating parameters should be validated by customer’s technical experts
for each application. Cree products are not designed, intended or authorized for use as components in applications intended for surgical
implant into the body or to support or sustain life, in applications in which the failure of the Cree product could result in personal injury or
death or in applications for planning, construction, maintenance or direct operation of a nuclear facility.
For more information, please contact:
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
www.cree.com/RF
Sarah Miller
Marketing
Cree, RF Components
1.919.407.5302
Ryan Baker
Marketing & Sales
Cree, RF Components
1.919.407.7816
Tom Dekker
Sales Director
Cree, RF Components
1.919.407.5639



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com