Electronic Components Datasheet Search
  English  ▼

X  

JHB2004F Datasheet(PDF) 7 Page - Jewel Hill Electronic

Part # JHB2004F
Description  SPECIFICATIONS FOR LCD MODULE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHB2004F Datasheet(HTML) 7 Page - Jewel Hill Electronic

Back Button JHB2004F Datasheet HTML 3Page - Jewel Hill Electronic JHB2004F Datasheet HTML 4Page - Jewel Hill Electronic JHB2004F Datasheet HTML 5Page - Jewel Hill Electronic JHB2004F Datasheet HTML 6Page - Jewel Hill Electronic JHB2004F Datasheet HTML 7Page - Jewel Hill Electronic JHB2004F Datasheet HTML 8Page - Jewel Hill Electronic JHB2004F Datasheet HTML 9Page - Jewel Hill Electronic JHB2004F Datasheet HTML 10Page - Jewel Hill Electronic JHB2004F Datasheet HTML 11Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
JHB2004F
VER: 1.01
- 6 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
7. MODULE FUNCTION DESCRIPTION
7.1. PIN DESCRIPTION
Pin No.
Symbol
Description
1
VDD
Power supply for positive(+5V )
2
VSS
Power supply for Ground(0V)
3
RES
Reset signal
4
SI
Serial data signal input
5
SCL
Serial clock signal input
6
CS
Chip select signal
7
RS
Data/command select signal
8
LED+
LED power supply voltage(positive=5.0V)
9
LED-
LED power supply voltage(negative)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com