Electronic Components Datasheet Search
  English  ▼

X  

JHB2004F Datasheet(PDF) 16 Page - Jewel Hill Electronic

Part # JHB2004F
Description  SPECIFICATIONS FOR LCD MODULE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHB2004F Datasheet(HTML) 16 Page - Jewel Hill Electronic

Back Button JHB2004F Datasheet HTML 12Page - Jewel Hill Electronic JHB2004F Datasheet HTML 13Page - Jewel Hill Electronic JHB2004F Datasheet HTML 14Page - Jewel Hill Electronic JHB2004F Datasheet HTML 15Page - Jewel Hill Electronic JHB2004F Datasheet HTML 16Page - Jewel Hill Electronic JHB2004F Datasheet HTML 17Page - Jewel Hill Electronic JHB2004F Datasheet HTML 18Page - Jewel Hill Electronic JHB2004F Datasheet HTML 19Page - Jewel Hill Electronic JHB2004F Datasheet HTML 20Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
JHB2004F
VER: 1.01
- 15 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
․Note 1. Definition of Driving Voltage( Vlcd) :
․Note 2. Definition of Optical Response Time :
%
%
%
30
100
50
50
%
Vlcd
Vth1
Vth2
Selected Waveform
Non-Selected Waveform
Operation Voltage
SELECTED WAVEFORM
(10SEC)
WAVEFORM
NO SELECTED
(10SEC)
NO SELECTED
WAVEFORM
(10SEC)
Brightness
90%
100%
Tr
Rise Time
10%
100%
Tf
Fall Time
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com