Electronic Components Datasheet Search
  English  ▼

X  

DRV8302 Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV8302
Description  Three Phase Gate Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8302 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8302_16 Datasheet HTML 3Page - Texas Instruments DRV8302_16 Datasheet HTML 4Page - Texas Instruments DRV8302_16 Datasheet HTML 5Page - Texas Instruments DRV8302_16 Datasheet HTML 6Page - Texas Instruments DRV8302_16 Datasheet HTML 7Page - Texas Instruments DRV8302_16 Datasheet HTML 8Page - Texas Instruments DRV8302_16 Datasheet HTML 9Page - Texas Instruments DRV8302_16 Datasheet HTML 10Page - Texas Instruments DRV8302_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
DRV8302
www.ti.com
SLES267C – AUGUST 2011 – REVISED MARCH 2016
Product Folder Links: DRV8302
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
PVDD = 8 V to 60 V, TC = 25°C, unless specified under test condition
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
INPUT PINS: INH_X, INL_X, M_PWM, M_OC, GAIN, EN_GATE, DC_CAL
VIH
High input threshold
2
V
VIL
Low input threshold
0.8
V
REN_GATE
Internal pulldown resistor for EN_GATE
100
k
Ω
RINH_X
Internal pulldown resistor for high side PWMs
(INH_A, INH_B, and INH_C)
EN_GATE high
100
k
Ω
RINH_X
Internal pulldown resistor for low side PWMs
(INL_A, INL_B, and INL_C)
EN_GATE high
100
k
Ω
RM_PWM
Internal pulldown resistor for M_PWM
EN_GATE high
100
k
Ω
RM_OC
Internal pulldown resistor for M_OC
EN_GATE high
100
k
Ω
RDC_CAL
Internal pulldown resistor for DC_CAL
EN_GATE high
100
k
Ω
OUTPUT PINS: nFAULT AND nOCTW
VOL
Low output threshold
IO = 2 mA
0.4
V
VOH
High output threshold
External 47-k
Ω pullup resistor connected to
3-5.5 V
2.4
V
IOH
Leakage current on open-drain pins When logic
high (nFAULT and nOCTW)
1
µA
GATE DRIVE OUTPUT: GH_A, GH_B, GH_C, GL_A, GL_B, GL_C
VGX_NORM
Gate driver Vgs voltage
PVDD = 8 V to 60 V
9.5
11.5
V
Ioso1
Maximum source current setting 1, peak
Vgs of FET equals to 2 V
1.7
A
Iosi1
Maximum sink current setting 1, peak
Vgs of FET equals to 8 V
2.3
A
Rgate_off
Gate output impedance during standby mode
when EN_GATE low (pins GH_x, GL_x)
1.6
2.4
k
Ω
SUPPLY CURRENTS
IPVDD1_STB
PVDD1 supply current, standby
EN_GATE is low. PVDD1 = 8 V.
20
50
µA
IPVDD1_OP
PVDD1 supply current, operating
EN_GATE is high, no load on gate drive
output, switching at 10 kHz,
100-nC gate charge
15
mA
IPVDD1_HIZ
PVDD1 Supply current, HiZ
EN_GATE is high, gate not switching
2
5
11
mA
INTERNAL REGULATOR VOLTAGE
AVDD
AVDD voltage
6
6.5
7
V
DVDD
DVDD voltage
3
3.3
3.6
V
VOLTAGE PROTECTION
VPVDD_UV
Undervoltage protection limit, PVDD
6
V
VGVDD_UV
Undervoltage protection limit, GVDD
8
V
VGVDD_OV
Overvoltage protection limit, GVDD
16
V
CURRENT PROTECTION, (VDS SENSING)
VDS_OC
Drain-source voltage protection limit
0.125
2.4
V
Toc
OC sensing response time
1.5
µs
TOC_PULSE
OCTW pin reporting pulse stretch length for OC
event
64
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com