Electronic Components Datasheet Search
  English  ▼

X  

TPIC2040 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2040
Description  Serial I/F Controlled 7-Channel Motor-Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2040 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPIC2040 Datasheet HTML 9Page - Texas Instruments TPIC2040 Datasheet HTML 10Page - Texas Instruments TPIC2040 Datasheet HTML 11Page - Texas Instruments TPIC2040 Datasheet HTML 12Page - Texas Instruments TPIC2040 Datasheet HTML 13Page - Texas Instruments TPIC2040 Datasheet HTML 14Page - Texas Instruments TPIC2040 Datasheet HTML 15Page - Texas Instruments TPIC2040 Datasheet HTML 16Page - Texas Instruments TPIC2040 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
SSZ
W
V
U
M COM
TRK+
TRK–
FCS+
TLT+
SOM I
SIM O
XFG
SCLK
LOAD+
XRESET
SIOV
XM U TE
5 V
CSWO
XFG
3.3 V
3.3 V
SIMO
SOMI
InterLock
XRESET
0.1 µ
5 V
5 V
SLED2+
LOAD–
BEM F
SPM
Dig ital Core
SLED END
Detection
CSW
int 3.3-V
Reg ulator
P5V
P5V
ENDDET_ ENA
SLD_ ENA
FCS_ ENA
TRK_ EN A
CSW _ O N
Pow er
Monitor
SIOV
SIOV
200 k
10 V (P5Vx2)
LOAD_ ENA
10 µ
p w r FET
XSLEEP
p w r FET
p w r FET
p w r FET
p w r FET
p w r FET
p w r FET
5 V
0.1 µF 0.1 µF
PGND_SPM
Predriver
SPM_RCOM
SPM_ENA
Charge
Pump
SPM Logic
DAC PWM
Analog
TPIC2040
I-F/B
F/B
F/B
F/B
F/B
I-F/B
Current Limit
Predriver
Detector
SSZ
SCLK
Predriver
Predriver
Predriver
Predriver
Predriver
ACTTEMPTH>0
SLED1+
SLD_ ENA
TLT_ENA
FCS–
SLED1–
SLED2–
TLT–
LINFB
P5V
int 3p3
LDO
Control
LIN3P3_DIS
and GPOUT_ENA
GPOUT
Charge Pump
LIN3P3_DIS
LIN3VG
5 V/3.3 V
1.2/3.3 V
LINFB/GPOUT
CSWO
CV3P3V
DAC PWM
DAC PWM
DAC PWM
DAC PWM
DAC PWM
On-Chip
Themometer
TPIC2040
www.ti.com
SLIS172 – DECEMBER 2015
8.2 Functional Block Diagram
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPIC2040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com