Electronic Components Datasheet Search
  English  ▼

X  

TPIC2050 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2050
Description  Serial I/F Controlled 9-Channel Motor-Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2050 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPIC2050 Datasheet HTML 9Page - Texas Instruments TPIC2050 Datasheet HTML 10Page - Texas Instruments TPIC2050 Datasheet HTML 11Page - Texas Instruments TPIC2050 Datasheet HTML 12Page - Texas Instruments TPIC2050 Datasheet HTML 13Page - Texas Instruments TPIC2050 Datasheet HTML 14Page - Texas Instruments TPIC2050 Datasheet HTML 15Page - Texas Instruments TPIC2050 Datasheet HTML 16Page - Texas Instruments TPIC2050 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
DAC Code
-2047
-1535
-1023
-511
1
513
1025
1537
2049
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
D001
STP1+
673±
DAC Code
-2047
-1535
-1023
-511
1
513
1025
1537
2049
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
D002
STP2+
673±
TPIC2050
www.ti.com
SLIS167 – AUGUST 2015
7.8 Typical Characteristics
Figure 4. STP1 Driver: DAC Code vs Output On Duty
Figure 5. STP2 Driver: DAC Code vs Output On Duty
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPIC2050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com