Electronic Components Datasheet Search
  English  ▼

X  

GS2960 Datasheet(PDF) 55 Page - Semtech Corporation

Part # GS2960
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2960 Datasheet(HTML) 55 Page - Semtech Corporation

Back Button GS2960 Datasheet HTML 51Page - Semtech Corporation GS2960 Datasheet HTML 52Page - Semtech Corporation GS2960 Datasheet HTML 53Page - Semtech Corporation GS2960 Datasheet HTML 54Page - Semtech Corporation GS2960 Datasheet HTML 55Page - Semtech Corporation GS2960 Datasheet HTML 56Page - Semtech Corporation GS2960 Datasheet HTML 57Page - Semtech Corporation GS2960 Datasheet HTML 58Page - Semtech Corporation GS2960 Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 97 page
background image
GS2960 3Gb/s, HD, SD SDI Receiver Complete with
SMPTE Video Processing
Data Sheet
48003 - 6
September 2012
55 of 97
274M (HD)
1920x1080/60 (2:1) or
1920x1080/30 (PsF)
0
0
1125
1080
1920
2200
0Ah
1920x1080/50 (2:1) or
1920x1080/25 (PsF)
0
0
1125
1080
1920
2640
0Ch
1920x1080/30 (1:1)
0
0
1125
1080
1920
2200
0Bh
1920x1080/25 (1:1)
0
0
1125
1080
1920
2640
0Dh
1920x1080/24 (1:1)
0
0
1125
1080
1920
2750
10h
1920x1080/24 (PsF)
0
0
1125
1080
1920
2750
11h
1920x1080/25 (1:1) –
0
0
1125
1080
2304
2640
0Eh
1920x1080/25 (PsF) –
EM
0
0
1125
1080
2304
2640
0Fh
1920x1080/24 (1:1) –
0
0
1125
1080
2400
2750
12h
1920x1080/24 (PsF) –
EM
0
0
1125
1080
2400
2750
13h
296M (HD)
1280x720/30 (1:1)
0
0
750
720
1280
3300
02h
1280x720/30 (1:1) –
EM
0
0
750
720
2880
3300
03h
1280x720/50 (1:1)
0
0
750
720
1280
1980
04h
296M (HD)
1280x720/50 (1:1) –
EM
0
0
750
720
1728
1980
05h
1280x720/25 (1:1)
0
0
750
720
1280
396006h
1280x720/25 (1:1) –
EM
0
0
750
720
3456
3960
07h
1280x720/24 (1:1)
0
0
750
720
1280
4125
08h
1280x720/24 (1:1) –
EM
0
0
750
720
3600
4125
09h
1280x720/60 (1:1)
0
0
750
720
1280
1650
00h
1280x720/60 (1:1) –
EM
0
0
750
720
1440
1650
01h
125M (SD)
1440x487/60 (2:1)
x
1
525
244 or 243
1440
1716
16h
1440x507/60
x
1
525
254 or 253
1440
1716
17h
525-line 487 generic
x
1
525
−−
1716
19h
525-line 507 generic
x
1
525
−−
1716
1Bh
ITU-R
BT.656
(SD)
1440x576/50 (2:1) Or
dual link progressive)
x1
625
−
1440
1728
18h
625-line generic
x1
625
−−
1728
1Ah
Table 4-10: Supported Video Standard Codes (Continued)
SMPTE
Standard
Active Video Area
RATE_
DET[1]
HD/3G
RATE_
DET[0]
SD/HD
Lines
per
Frame
Active
Lines per
Frame
Words
per
Active
Line
Words
per Line
VD_STD
[5:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com