Electronic Components Datasheet Search
  English  ▼

X  

GS2960 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS2960
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2960 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS2960 Datasheet HTML 24Page - Semtech Corporation GS2960 Datasheet HTML 25Page - Semtech Corporation GS2960 Datasheet HTML 26Page - Semtech Corporation GS2960 Datasheet HTML 27Page - Semtech Corporation GS2960 Datasheet HTML 28Page - Semtech Corporation GS2960 Datasheet HTML 29Page - Semtech Corporation GS2960 Datasheet HTML 30Page - Semtech Corporation GS2960 Datasheet HTML 31Page - Semtech Corporation GS2960 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
GS2960 3Gb/s, HD, SD SDI Receiver Complete with
SMPTE Video Processing
Data Sheet
48003 - 6
September 2012
28 of 97
The SDO output is muted when the RC_BYP pin is set HIGH and the PLL is unlocked
(LOCKED pin is LOW). When muted, the output is held static at logic ‘0’ or logic ‘1’.
NOTE: The serial digital output is muted when the GS2960 is unlocked.
4.5 Serial Digital Reclocker
The GS2960 includes both a PLL stage and a sampling stage.
The PLL is comprised of two distinct loops:
• A coarse frequency acquisition loop sets the centre frequency of the integrated
Voltage Controlled Oscillator (VCO) using an external 27MHz reference clock
• A fine frequency and phase locked loop aligns the VCO’s phase and frequency to
the input serial digital stream
The frequency lock loop results in a very fast lock time.
The sampling stage re-times the serial digital input with the locked VCO clock. This
generates a clean serial digital stream, which may be output on the SDO/SDO output
pins and converted to parallel data for further processing. Parallel data is not affected by
RC_BYP. Only the SDO is affected by this pin.
4.5.1 PLL Loop Bandwidth
The fine frequency and phase lock loop in the GS2960 reclocker is non-linear. The PLL
loop bandwidth scales with the jitter amplitude of the input data stream; automatically
reduces bandwidth in response to higher jitter. This allows the PLL to reject more of the
jitter in the input data stream and produce a very clean reclocked output.
The loop bandwidth of the GS2960 PLL is defined with 0.2UI input jitter. The bandwidth
is controlled by the LB_CONT pin. Under nominal conditions, with the LB_CONT pin
floating and 0.2UI input jitter applied, the loop bandwidth is set to 1/1000 of the
frequency of the input data stream. Connecting the LB_CONT pin to 3.3V reduces the
bandwidth to half of the nominal setting. Connecting the LB_CONT pin to GND increases
the bandwidth to double the nominal setting. Table 4-2 below summarizes this
information.
Table 4-1: Serial Digital Output
SDO_EN/DIS
RC_BYP
SDO/SDO
0X
Disabled
11
Re-timed
10
Buffered (not re-timed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com