Electronic Components Datasheet Search
  English  ▼

X  

SPD30P06P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPD30P06P
Description  SIPMOS Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD30P06P Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPD30P06P Datasheet HTML 1Page - Infineon Technologies AG SPD30P06P Datasheet HTML 2Page - Infineon Technologies AG SPD30P06P Datasheet HTML 3Page - Infineon Technologies AG SPD30P06P Datasheet HTML 4Page - Infineon Technologies AG SPD30P06P Datasheet HTML 5Page - Infineon Technologies AG SPD30P06P Datasheet HTML 6Page - Infineon Technologies AG SPD30P06P Datasheet HTML 7Page - Infineon Technologies AG SPD30P06P Datasheet HTML 8Page - Infineon Technologies AG SPD30P06P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1999-11-22
Page 3
SPD30P06P
SPU30P06P
Preliminary data
Electrical Characteristics, at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS³2*ID*RDS(on)max , ID = -21.5 A
5.2
gfs
S
-
10.4
Input capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Ciss
1228
1535
pF
-
Coss
-
383
387
Output capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Reverse transfer capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
177
142
Crss
-
Turn-on delay time
VDD = -30 V, VGS = -10 V, ID = -21.5 A,
RG = 1.6 W
-
19.5
ns
13
td(on)
Rise time
VDD = -30 V, VGS = -10 V, ID = -21.5 A,
RG = 1.6 W
tr
-
16.5
11
30
45
td(off)
Turn-off delay time
VDD = -30 V, VGS = -10 V, ID = -21.5 A,
RG = 1.6 W
-
Fall time
VDD = -30 V, VGS = -10 V, ID = -21.5 A,
RG = 1.6 W
tf
-
20
30



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com