Electronic Components Datasheet Search
  English  ▼

X  

S4AX103Z2 Datasheet(PDF) 4 Page - Semtech Corporation

Part # S4AX103Z2
Description  High Voltage Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

S4AX103Z2 Datasheet(HTML) 4 Page - Semtech Corporation

  S4AX103Z2 Datasheet HTML 1Page - Semtech Corporation S4AX103Z2 Datasheet HTML 2Page - Semtech Corporation S4AX103Z2 Datasheet HTML 3Page - Semtech Corporation S4AX103Z2 Datasheet HTML 4Page - Semtech Corporation S4AX103Z2 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
 2008 Semtech Corp.
www.semtech.com
POWER DISCRETES
180pF THRU .39µF
Outline Drawing - Encapsulated
s
n
o
i
s
n
e
m
i
D
e
z
i
S
e
d
o
C
)
x
a
M
(
L
)
m
m
(
.
n
I
S
)
m
m
(
.
n
I
)
x
a
M
(
T
)
m
m
(
.
n
I
)
f
e
R
(
H
)
1
(
)
m
m
(
.
n
I
20
0
4
.
)
2
.
0
1
(
2
3
0
.
±
0
0
3
.
)
2
8
.
±
2
6
.
7
(
5
7
2
.
)
0
0
.
7
(
5
7
4
.
)
1
.
2
1
(
30
0
5
.
)
7
.
2
1
(
2
3
0
.
±
0
0
4
.
)
2
8
.
±
2
.
0
1
(
0
0
3
.
)
2
6
.
7
(
5
7
5
.
)
6
.
4
1
(
40
0
6
.
)
3
.
5
1
(
2
3
0
.
±
0
0
5
.
)
2
8
.
±
7
.
2
1
(
5
7
3
.
)
3
5
.
9
(
5
7
6
.
)
1
.
7
1
(
50
0
7
.
)
8
.
7
1
(
2
3
0
.
±
0
0
6
.
)
2
8
.
±
3
.
5
1
(
5
7
3
.
)
3
5
.
9
(
5
7
7
.
)
7
.
9
1
(
60
0
8
.
)
4
.
0
2
(
2
3
0
.
±
0
0
7
.
)
2
8
.
±
8
.
7
1
(
5
7
3
.
)
3
5
.
9
(
5
7
8
.
)
2
.
2
2
(
Notes:
1. Maximum mounting height. Leads shall be
solderable beyond this point.
2. When ordering “S” size package type please
see Dimension Table “S”.
Leads are tin plated copper.
e
z
i
S
"
S
"
r
o
f
s
n
o
i
s
n
e
m
i
D
)
2
(
e
z
i
S
e
d
o
C
)
x
a
M
(
L
)
m
m
(
.
n
I
S
)
m
m
(
.
n
I
)
x
a
M
(
T
)
m
m
(
.
n
I
)
f
e
R
(
H
)
1
(
)
m
m
(
.
n
I
2
S2
4
.
0
)
7
.
0
1
(
3
0
.
±
5
7
2
.
)
6
7
.
±
6
9
.
6
(
5
3
.
0
)
9
8
.
8
(
3
.
0
)
9
8
.
8
(
3
S9
4
.
0
)
4
.
2
1
(
3
0
.
±
5
7
3
.
)
6
7
.
±
2
5
.
9
(
5
3
.
0
)
9
8
.
8
(
4
.
0
)
6
1
.
0
1
(
4
S9
5
.
0
)
9
.
4
1
(
3
0
.
±
5
7
4
.
)
6
7
.
±
6
0
.
2
1
(
5
3
.
0
)
9
8
.
8
(
5
.
0
)
7
.
2
1
(
5
S9
6
.
0
)
5
.
7
1
(
3
0
.
±
5
7
5
.
)
6
7
.
±
6
.
4
1
(
5
3
.
0
)
9
8
.
8
(
6
.
0
)
4
2
.
5
1
(
6
S9
7
.
0
)
0
.
0
2
(
3
0
.
±
5
7
6
.
)
6
7
.
±
4
1
.
7
1
(
5
3
.
0
)
9
8
.
8
(
2
7
.
0
)
8
2
.
8
1
(



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com