Electronic Components Datasheet Search
  English  ▼

X  

S4AX103Z2 Datasheet(PDF) 3 Page - Semtech Corporation

Part # S4AX103Z2
Description  High Voltage Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

S4AX103Z2 Datasheet(HTML) 3 Page - Semtech Corporation

  S4AX103Z2 Datasheet HTML 1Page - Semtech Corporation S4AX103Z2 Datasheet HTML 2Page - Semtech Corporation S4AX103Z2 Datasheet HTML 3Page - Semtech Corporation S4AX103Z2 Datasheet HTML 4Page - Semtech Corporation S4AX103Z2 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
 2008 Semtech Corp.
www.semtech.com
POWER DISCRETES
180pF THRU .39µF
3A
X
3
0
1K
2
E
Z
I
S
T
R
A
P
E
D
O
C
M
R
O
F
C
I
R
T
C
E
L
E
I
D
L
A
I
R
E
T
A
M
E
C
N
A
T
I
C
A
P
A
C
)
E
D
O
C
A
I
E
(
E
C
N
A
T
I
C
A
P
A
C
E
C
N
A
R
E
L
O
T
E
G
A
T
L
O
V
G
N
I
T
A
R
2P
I
H
CD
E
D
A
E
L
R
7
X
=
X
s
e
t
a
c
i
d
n
i
ti
g
i
d
t
s
a
L
s
e
o
r
e
z
f
o
r
e
b
m
u
n
t
s
r
if
e
h
t
g
n
i
w
o
ll
o
f
s
ti
g
i
d
o
w
t
:
e
l
p
m
a
x
E
F
p
0
0
0
0
1
=
3
0
1
%
0
1
=
K
%
0
2
=
M
%
0
-
%
0
0
1
+
=
V
%
0
2
-
%
0
8
+
=
Z
V
k
1
=
1
V
k
2
=
2
V
k
3
=
3
V
k
4
=
4
V
k
5
=
5
3
r
e
v
li
S
=
A
n
o
it
a
n
i
m
r
e
T
m
u
i
d
a
ll
a
P
=
D
n
o
it
a
n
i
m
r
e
T
r
e
v
li
S
f
o
e
l
b
a
p
a
C
=
H
g
n
il
d
n
a
h
e
r
u
t
a
r
e
p
m
e
t
p
u
f
o
s
n
o
i
s
r
u
c
x
e
C
°
0
0
2
o
t
y
x
o
p
E
=
E
d
e
t
a
l
u
s
p
a
c
n
E
d
e
d
a
e
L
=
L
y
l
n
o
4
5
6
Ordering Information
Typical Characteristic
Note:
1. For “S” size package type, please order part as “SXXXXXXXX” e.g. S3AX103K2.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com