Electronic Components Datasheet Search
  English  ▼

X  

1041802 Datasheet(PDF) 2 Page - SICK AG

Part # 1041802
Description  MEASURING AUTOMATION LIGHT GRIDS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1041802 Datasheet(HTML) 2 Page - SICK AG

  1041802 Datasheet HTML 1Page - SICK AG 1041802 Datasheet HTML 2Page - SICK AG 1041802 Datasheet HTML 3Page - SICK AG 1041802 Datasheet HTML 4Page - SICK AG 1041802 Datasheet HTML 5Page - SICK AG 1041802 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG1-1490F511 | MLG
MEASURING AUTOMATION LIGHT GRIDS
2
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-01-29 09:44:08
Subject to change without notice
Ordering information
Type
Part no.
MLG1-1490F511
1041802
Other models and accessories
www.sick.de/MLG
Detailed technical data
Features
Technology
Sender/receiver
Minimum detectable object (MDO)
Parallel beam, 15 mm 1)
Beam separation
10 mm
Number of beams
≥ 150
Detection height
1,490 mm
Configuration
Standard (switching)
1) MDO min. detectable object.
Performance
Maximum range
7 m 1)
Minimum range
Parallel beam: ≥ 0 mm
Working range
5 m
Response time
Parallel beam ≥ 23.5 ms 2)
1) No reserve for environmental issue and deterioration of the diode.
2) With resistive load.
Interfaces
Switching output
1 x PNP
Connection type
Male connector M12, 5-pin
Fieldbus, industrial network
-
Type of fieldbus integration
-
Mechanics/electronics
Wave length
Infrared light, 880 nm
Supply voltage Vs
DC 18 V ... 30 V 1)
1) Without load.
2) Without load with 24 V.
3) Typical value.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com