Electronic Components Datasheet Search
  English  ▼

X  

1041802 Datasheet(PDF) 4 Page - SICK AG

Part # 1041802
Description  MEASURING AUTOMATION LIGHT GRIDS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1041802 Datasheet(HTML) 4 Page - SICK AG

  1041802 Datasheet HTML 1Page - SICK AG 1041802 Datasheet HTML 2Page - SICK AG 1041802 Datasheet HTML 3Page - SICK AG 1041802 Datasheet HTML 4Page - SICK AG 1041802 Datasheet HTML 5Page - SICK AG 1041802 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG1-1490F511 | MLG
MEASURING AUTOMATION LIGHT GRIDS
4
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-01-29 09:44:08
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
1
2
3
4
5
16.5
(0.65)
29
(1.14)
34
(1.34)
A
Distance: MLG edge – first beam
Beam separation 10 mm
49 (1.93)
Beam separation 20 mm
49 (1.93) 1) / 59 (2.32) 2)
Beam separation 30 mm
69 (2.72)
Beam separation 50 mm
89 (3.50)
1) With even number of beams.
2) With odd number of beams.
①  Detection height (see optical performance)
②  Beam separation (10, 20, 30, 50 mm)
③  Status indicator: green, yellow, red LEDs
④  Indicator panel, 7-segment display
⑤  Male connector M12, 5-pin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com