Electronic Components Datasheet Search
  English  ▼

X  

SC33020HCSEVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC33020HCSEVB
Description  2A Load Switch with Reverse Current Blocking
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC33020HCSEVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC33020HCSEVB Datasheet HTML 1Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 2Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 3Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 4Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 5Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 6Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 7Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 8Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SC33020H
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
EN Digital Input
EN Input High Threshold
V
EN-IH
.0
V
EN Input Low Threshold
V
EN-IL
0.4
V
EN Input Pull-Down Resistance
R
EN
7
MΩ
NOTES:
() I
Q current includes EN pull-down current.
(2) For other T
DT and TRT options, please contact SEMTECH.
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com