Electronic Components Datasheet Search
  English  ▼

X  

SC33020HCSEVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC33020HCSEVB
Description  2A Load Switch with Reverse Current Blocking
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC33020HCSEVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC33020HCSEVB Datasheet HTML 1Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 2Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 3Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 4Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 5Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 6Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 7Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 8Page - Semtech Corporation SC33020HCSEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SC33020H
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
() Tested according to JEDEC standard JS-00-202.
(2) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD5 standards.
Absolute Maximum Ratings
VIN to GND (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
EN to GND (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
VOUT to GND (V). . . . . . . . . . . . . . . . . . . . . . . . -0.3to(V
VIN+ 0.3)
ESD Protection Level HBM () (kV). . . . . . . . . . . . . . . . . . . . . . . 4
Recommended Operating Conditions
Ambient Temperature Range (°C) . . . . . . . . . . -40 < T
A < +85
Maxiumum Output Current (A) . . . . . . . . . . . . . . . . . . . . . . . . 2
V
VIN (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6 to 5.5
Thermal Information
Thermal Resistance, Junction to Ambient(2)
CSP (°C/W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +25
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +50
Peak IR Reflow Temperature (0s to 30s) (°C) . . . . . . . +260
Unless noted otherwise, T
A = 25°C for typical, -40°C < TA = TJ < +85°C for min and max, VIN = 2.8V, CIN = μF, COUT = μF, VEN = VVIN.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Ron
R
ON
V
IN =5.5V, IOUT = 200mA, VEN =.5V
25
mΩ
V
IN =4.3V, IOUT = 200mA, VEN =.5V
28
mΩ
V
IN =3.3V, IOUT = 200mA, VEN =.5V
32
43
mΩ
V
IN =2.5V, IOUT = 200mA, VEN =.5V
40
mΩ
V
IN =.6V, IOUT = 200mA, VEN =.5V
65
mΩ
Quiescent Current()
I
Q
V
IN=VEN,=3.6V, VOUT = open

3
µA
Shutdown Current
I
SD
V
EN=0, VOUT = open
0.3
2
μA
V
EN=0, VOUT = open, TA = 25°C
.24
μA
Turn-on Delay Time(2)
T
DT
V
EN=.5V, VIN=3.6V, IOUT=200mA, COUT=μF
440
μs
Rising Time(2)
T
RT
V
EN=.5V, VIN=3.6V, IOUT=200mA, COUT=μF
640
μs
Reverse Blocking
Reverse Blocking Current (IOUT)
R
I
V
EN=0V, VIN=0V, VOUT=5.5V
3
3
µA
Reverse Blocking Threshold
R
BT
V
OUT=2.8V, VOUT − VIN
75
mV
Reverse Blocking Hysteresis
R
BH
V
OUT=2.8V, VOUT − VIN
25
mV
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com