Electronic Components Datasheet Search
  English  ▼

X  

SC2440AEVB Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC2440AEVB
Description  Dual 30V Step-Down Switching Regulator with 2A Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440AEVB Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC2440AEVB Datasheet HTML 16Page - Semtech Corporation SC2440AEVB Datasheet HTML 17Page - Semtech Corporation SC2440AEVB Datasheet HTML 18Page - Semtech Corporation SC2440AEVB Datasheet HTML 19Page - Semtech Corporation SC2440AEVB Datasheet HTML 20Page - Semtech Corporation SC2440AEVB Datasheet HTML 21Page - Semtech Corporation SC2440AEVB Datasheet HTML 22Page - Semtech Corporation SC2440AEVB Datasheet HTML 23Page - Semtech Corporation SC2440AEVB Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
Applications Information (Continued)
rent limit. This places a minimum limit on C
SS:
()
where I
OUT is in amperes.
Starting the SC2440A by turning on a bench power sup-
ply will require much larger soft-start capacitors. C
SS is
best determined empirically because the rise time of a
power supply can range from a few milliseconds to a few
hundred milliseconds. With the maximum load applied,
the output rise is observed using a 22nF for C
SS. Adjust CSS
until a linear V
OUT ramp is achieved.
Overload / Short-Circuit Protection
As described in the“General Description”, comparator ILIM
(Figure 2) limits the switch current on a cycle-by-cycle ba-
sis, restricting the available regulator output current to
the load. This causes the output voltage to fall and the
COMP voltage to rise. If overload persists, then COMP will
be clamped and the regulator will undergo shutdown and
restart (hiccup). Hiccup is triggered when an over-current
condition causes clamping of the error amplifier output.
The time taken for V
COMP to rise from its regulating volt-
age to the clamp level is the delay time before shutdown.
A very short over-current condition is therefore ignored.
Figure 9(a) captures the initial overload shutdown and the
subsequent time out and retry. Clamping of the error am-
plifier output and C
SS discharge are evident.
If the regulator output is shorted to ground, then the
COMP voltage will rise to its .7V upper clamp. The regu-
lator will quickly reach its cycle-by-cycle current limit. As
described in the “General Description”, the regulator will
shut off and undergo hiccup regardless whether soft-start
is completed. The regulator restarts normally after the
short at its output is removed. Short-circuit startup wave-
forms are captured in Figure 9(b). The converter switches
only for a short period of time over a hiccup cycle. Short
circuit power dissipation is substantially reduced.
Power Good Indicators
The PGOOD pins (Pins  and 4) are the open-collector
outputs of the power good comparators. These slow com-
parators are incorporated with a small hysteresis. The FB
low-to-high trip voltage of the power good comparators
is 90% of the final regulation voltage. A pull-up resistor
from each PGOOD pin to the input supply or the regulator
output sets the PGOOD logic high voltage.
The power good comparator output becomes valid pro-
vided that V
IN is above 0.9V. In shutdown the power good
output is actively pulled low. A power good pull-up resis-
tor tied to the input will therefore increase current drain
during shutdown. Tying the power good pull-up resistor
to the regulator output is preferred, as this will minimize
the shutdown supply current. In shutdown there is no
voltage at the switching regulator output or current in the
SC2440A
Figure 9. Overload Hiccup of the 5V Output Channel
in Figure 1.
(a) Overload shutdown is triggered when I
OUT2
is increased from 0.5A to 2.8A. The converter
attempts to restart after a time out.
(b)The regulator output is shorted to ground.
The converter switches only for a short
duration over a hiccup cycle. As a result,
short circuit power dissipation is very low.
(b)
4ms/div
V
SW2
5V/div
V
OUT2
2V/div
V
SS2
1V/div
V
COMP2
1V/div
(a)
V
SW2
5V/div
V
OUT2
2V/div
V
SS2
1V/div
V
COMP2
1V/div
4ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com