Electronic Components Datasheet Search
  English  ▼

X  

SC2440AEVB Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC2440AEVB
Description  Dual 30V Step-Down Switching Regulator with 2A Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440AEVB Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC2440AEVB Datasheet HTML 18Page - Semtech Corporation SC2440AEVB Datasheet HTML 19Page - Semtech Corporation SC2440AEVB Datasheet HTML 20Page - Semtech Corporation SC2440AEVB Datasheet HTML 21Page - Semtech Corporation SC2440AEVB Datasheet HTML 22Page - Semtech Corporation SC2440AEVB Datasheet HTML 23Page - Semtech Corporation SC2440AEVB Datasheet HTML 24Page - Semtech Corporation SC2440AEVB Datasheet HTML 25Page - Semtech Corporation SC2440AEVB Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
Applications Information (Continued)
R
Z increases the mid-band loop gain and the crossover
frequency. However the converter becomes less stable.
Using a linear equivalent model and setting the loop gain
crossover frequency to one-tenth the switching frequen-
cy, R
Z can be calculated:
(2)
where R
Z is in W.
C
Z can be determined by setting the zero frequency to
one-fifth of the loop gain crossover frequency:
(3)
where C
Z is Farads.
The capacitor C
P from COMP to ground rolls off the loop
gain at high frequency. C
P is generally not required for sta-
bility. In some cases, the addition of a small capacitor (0
to 22pF) from the COMP pin to ground eliminates SW fall-
ing edge jitter.
R
Z and CZ calculated above are based upon a linear equiv-
alent circuit which does not model the non-linear nature
of switching regulators very well. It is imperative to verify
loop compensation by checking regulator load transient
response. With the largest load step pertinent to the ap-
plication applied, the regulator output voltage and the in-
ductor current are observed. These transient waveforms
should not show any ringing or excessive overshoot (see
Figures 2(a) and 2(b) for examples of stable load tran-
sient waveforms.). If necessary, adjust R
Z until a stable
transient is obtained. The R
ZCZ product is to be kept con-
stant during tuning.
Board Layout Considerations
In a step-down switching regulator, the input bypass
capacitor, the main power switch and the freewheel-
ing diode carry pulse currents with high
(Figure 3).
For jitter-free operation, the size of the loop formed by
these components should be minimized. Since the power
switches are already integrated within the SC2440A, con-
SC2440A
VOUT
ZL
VIN
Fast Switching Current Paths in a Step-
down Converter. The input capacitor and
the freewheeling diode should be placed
close to the part for improved switching
performance.
Figure 13.
Figure 12. Load Transient Response of the Converter in
Figure 1.
(a) Channel 1 (3.3V) LoadTransient Response,
I
OUT1 is switched between 0.3A and 1.8A.
(d) Channel 2 (5V) Load Transient Response,
I
OUT2 is switched between 0.3A and 1.8A.
(a)
V
OUT1
0.5V/div
AC Coupled
I
L1
0.5A/div
40ms/div
(b)
40ms/div
V
OUT1
0.5V/div
AC Coupled
I
L2
0.5A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com