Electronic Components Datasheet Search
  English  ▼

X  

SC4808BIMSTRT Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4808BIMSTRT
Description  High Performance Dual Ended PWM Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808BIMSTRT Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4808BIMSTRT Datasheet HTML 10Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 11Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 12Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 13Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 14Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 15Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 16Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 17Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
14
 2005 Semtech Corp.
www.semtech.com
SC4808A/B
POWER MANAGEMENT
VCC UNDER VOLTAGE LOCK OUT
Depending on the application and the voltages available,
the SC4808A (UVLO = 12.0V), or the SC4808B (UVLO =
4.4V) can be used to provide the VCC undervoltage lock
out function to ensure the converters controlled start up.
Before the VCC UVLO has been reached, the internal refer-
ence, oscillator, OUTA/OUTB drivers, and logic are disabled.
LINE UNDER VOLTAGE LOCK OUT
The SC4808 also provides a line undervoltage (LUVLO =
Vref) function. The LUVLO pin is programmed via an exter-
nal resistor divider connected as shown below. The actual
start-up voltage can be calculated by using the equation
below:
()
33
R
33
R
23
R
V
V
REF
Startup
+
×
=
R27
15k
R24 10k
200p
C31
VCC
R26
2.2k
R28
10
2.2u,16V
C26
82p
C29
15
REF
0.1u,25V
C33
R25 18
R33
10k
SYNC
U4
SC4808
4
5
3
2
10
1
6
7
8
9
FB
REF
CS
RC
LUVLO
SYNC
GND
OUTB
OUTA
VCC
R23
56.2k
Vin
REFERENCE
A 5V (SC4808A) or a 3.125V(SC4808B) reference voltage
is available that can be used to source a typical current of
5mA to the external circuitry. The Vref can be used to pro-
vide the oscillator RC network with a regulated bias.
Application Information (Cont.)
OSCILLATOR
The oscillator frequency is set by connecting a RC network
as shown below.
0
R27
15k
0
200p
C31
VCC
R28
10
2.2u,16V
C26
REF
0.1u,25V
C33
R33
10k
SYNC
U4
SC4808
4
5
3
2
10
1
6
7
8
9
FB
REF
CS
RC
LUVLO
SYNC
GND
OUTB
OUTA
VCC
R23
56.2k
Vin
The oscillator has a ramp voltage of about Vref/2. The os-
cillator frequency is twice the frequency of the OUTA and
OUTB gate drive controls.
The oscillator capacitor C31 is charged by a current sourced
from the Vref through R27. Once the RC pin reaches about
Vref/2, the capacitor is discharged internally by the
SC4808. It should be noted that larger capacitor values
will result in a longer dead time during the down slope of
the ramp.
The following equation can be used as an approximation
of the oscillator frequency and the Dead time:
8
.
0
1
_
×
≅
TOT
OSC
A
OSC
C
R
F
9
.
0
1
_
×
≅
TOT
OSC
B
OSC
C
R
F
where:
Circuit
SC
OSC
TOT
C
C
C
C
+
+
=
4808
pF
C
SC
22
4808 ≅
3
10
3
5
.
0
−
⋅
×
×
≅
REF
OSC
deadtime
V
C
T
The recommended range of timing resistors is between 10
kohm and 200kohm, range of timing capacitors is between
100pF and 1000pF. Timing resistors less than 10 kohm
should be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com