Electronic Components Datasheet Search
  English  ▼

X  

SC4808BIMSTRT Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC4808BIMSTRT
Description  High Performance Dual Ended PWM Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808BIMSTRT Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC4808BIMSTRT Datasheet HTML 16Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 17Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 18Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 19Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 20Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 21Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 22Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 23Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
20
 2005 Semtech Corp.
www.semtech.com
SC4808A/B
POWER MANAGEMENT
Application Information (Cont.)
Below the benefits from the slope compensation become apparent. The top wave form shows the stable operation
before the perturbation. The second wave form shows the perturbation and the instability caused from it if no slope
compensation is added to the current information. The last wave form shows the slope compensation and the effect of
it. The increase in the slope of the current information results in an early termination of the inductor current, hence a
reduction in the amount of error. As the cycle is repeated, the perturbation is reduced and finally eliminated.
Stable current mode operation with Slope
Compensation
I
L
∆
: Inductor current
: Small Inductor current perturbation
I
L
∆
D>50%
i
L
δ
: Sensed Mosfet current
I
Sense
I
Sense
i
L
δ
i
L
δ
Stable operation
( no perturbation)
Instable operation
( with perturbation)
Stable operation
(Slope Compensation Added)
I
L
∆
I
Sense
I
L
∆
I
CS
Error Signal from Error amplifier
Error Signal from Error amplifier
I
CS
: Summation of Isense and slope compensation, at the CS pin of the SC4808.
Error Signal from Error amplifier
Note: After a few cycles the perturbation
disappears and stable operation returns.
Note: After a few cycles the perturbation
becomes larger, and causes instability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com