Electronic Components Datasheet Search
  English  ▼

X  

KC-058 Datasheet(PDF) 2 Page - Protek Devices

Part # KC-058
Description  HIGH POWERED TVS COMPONENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

KC-058 Datasheet(HTML) 2 Page - Protek Devices

  KC-058 Datasheet HTML 1Page - Protek Devices KC-058 Datasheet HTML 2Page - Protek Devices KC-058 Datasheet HTML 3Page - Protek Devices KC-058 Datasheet HTML 4Page - Protek Devices KC-058 Datasheet HTML 5Page - Protek Devices KC-058 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05459.R4 12/15
Page 2
K SERIES
TYPICAL DEVICE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(Note 1)
REVERSE
STAND-OFF
VOLTAGE
MINIMUM
BREAKDOWN
VOLTAGE
V
(BR) @ IT
VOLTS
TEST
CURRENT
@ I
T
mA
CURRENT
RATING
8/20µs
kA
MAXIMUM
CLAMPING
VOLTAGE
@ I
PP
V
C
VOLTS
REVERSE
LEAKAGE
CURRENT
@V
DC
I
R
µA
V
AC
VOLTS
V
DC
VOLTS
K1-076
54.0
76.0
83.0
10
1
135.0
20
KA-058*
40.0
58.0
64.0
10
3
110.0
20
KA-076*
54.0
76.0
85.0
10
3
140.0
20
KA-150
106.0
150.0
158.0
10
3
230.0
10
KA-380*
275.0
380.0
401.0
10
3
520.0
20
KA-430*
310.0
430.0
440.0
10
3
652.0
20
KB-058*
40.0
58.0
64.0
10
6
110.0
20
KB-076*
54.0
76.0
83.0
10
6
135.0
20
KB-170*
130.0
170.0
180.0
10
6
260.0
20
KB-190*
145.0
190.0
200.0
10
6
290.0
20
KB-240*
180.0
240.0
250.0
10
6
340.0
20
KB-380*
275.0
380.0
401.0
10
6
520.0
20
KB-430*
310.0
430.0
440.0
10
6
625.0
20
KC-058
40.0
58.0
64.0
10
10
110.0
20
KC-076*
54.0
76.0
83.0
10
10
135.0
20
KC-170
130.0
170.0
180.0
10
10
260.0
20
KC-190*
145.0
190.0
200.0
10
10
290.0
20
KC-200*
150.0
200.0
222.0
10
10
330.0
20
KC-240
180.0
240.0
250.0
10
10
340.0
20
KC-380*
275.0
380.0
401.0
10
10
520.0
20
KC-430*
310.0
430.0
440.0
10
10
625.0
20
KD-058
40.0
58.0
64.0
10
15
110.0
20
KD-076
54.0
76.0
85.0
10
15
145.0
20
NOTE
1. *Contact factory for minimum order quantities.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com