Electronic Components Datasheet Search
  English  ▼

X  

KC-058 Datasheet(PDF) 3 Page - Protek Devices

Part # KC-058
Description  HIGH POWERED TVS COMPONENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

KC-058 Datasheet(HTML) 3 Page - Protek Devices

  KC-058 Datasheet HTML 1Page - Protek Devices KC-058 Datasheet HTML 2Page - Protek Devices KC-058 Datasheet HTML 3Page - Protek Devices KC-058 Datasheet HTML 4Page - Protek Devices KC-058 Datasheet HTML 5Page - Protek Devices KC-058 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05459.R4 12/15
Page 3
K SERIES
TYPICAL DEVICE CHARACTERISTICS
TABLE 1 - STANDARD PACKAGE , LEADED PROCESS, PACKAGE PEAK REFLOW TEMPERATURE
Package Thickness
Volume mm3 < 350
Volume mm3 >= 350
< 2.5mm
240 +0/-5°C
225 +0/-5°C
>= 2.5mm
225 +0/-5°C
225 +0/-5°C
NOTES:
1. The package thickness and volume dictates the maximum component temperature. The thermal gradients between packages can be reduced by using convection reflow processes.
2. Volume of the package does not account for the external terminals.
3. Package volume is the equivalent of package size multipled by the height.
TABLE 2 - LEAD-FREE PROCESS, PACKAGE PEAK REFLOW TEMPERATURE
Package Thickness
Volume mm3 < 350
Volume mm3 250 - 2000
Volume mm3 > 2000
< 1.6mm
260 +0°C
260 +0°C
260 +0°C
1.6mm - 2.5mm
260 +0°C
250 +0°C
245 +0°C
>= 2.5mm
250 +0°C
245 +0°C
245 +0°C
NOTES:
1. The profiling tolerance is +0, -X °C but at no time will it exceed -5°C.
2. Volume of the package does not account for the external terminals.
3. The package thickness and volume dictates the maximum component temperature. The thermal gradients between packages can be reduced by using convection reflow processes.
4. Components used in lead-free assembly shall be evaluated using the lead-free classification temperature and profiles as defined in the above table.
5. Table 3 will help determine if the components are lead-free or not.
6. The device manufacturer/supplier shall ensure process compatibility up to and including the stated classification temperature at the rated MSL level.
TABLE 3 - CLASSIFICATION REFLOW PROFILES
Profile Feature
Sn - Pb Eutetectic Assembly
Pb-Free Assembly
Average Ramp Up Rate (T
SMAX to TP)
3°C/seconds Max.
3°C/seconds Max.
Preheat
Temperature Min T
SMIN
Temperature MAX T
SMAX
Time (T
SMIN to TSMAX) (ts)
100°C
150°C
60-120 seonds
150°C
200°C
60-180 seconds
Time Maintained Above
Temperature (T
L)
Time(t
L)
183°C
60-150 seconds
217°C
60-150 seconds
Peak/Classification Temperature (T
P)
See Table 1
See Table 2
Time Within 5°C of Actual Temperature (t
P)
10-30 seconds
20-40 seconds
Ramp-Down Rate
6°C/seconds Max.
6°C/seconds Max.
Time 25°C to Peak Temperature
6 Minutes Max.
8 Minutes Max.
NOTES:
1. All temperatures refer to topside of the package, measured on the package body surface.
2. Time within 5°C of the actual peak temperature (T
P) specified for the reflow profiles is “supplier” minimum and “user” maximum.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com