Electronic Components Datasheet Search
  English  ▼

X  

CSD87502Q2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87502Q2
Description  CSD87502Q2 30 V Dual N-Channel NexFET??Power MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87502Q2 Datasheet(HTML) 1 Page - Texas Instruments

  CSD87502Q2 Datasheet HTML 1Page - Texas Instruments CSD87502Q2 Datasheet HTML 2Page - Texas Instruments CSD87502Q2 Datasheet HTML 3Page - Texas Instruments CSD87502Q2 Datasheet HTML 4Page - Texas Instruments CSD87502Q2 Datasheet HTML 5Page - Texas Instruments CSD87502Q2 Datasheet HTML 6Page - Texas Instruments CSD87502Q2 Datasheet HTML 7Page - Texas Instruments CSD87502Q2 Datasheet HTML 8Page - Texas Instruments CSD87502Q2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
10
20
30
40
50
60
70
80
D007
TC = 25°C, I D = 4 A
TC = 125°C, I D = 4 A
Qg - Gate Charge (nC)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
1
2
3
4
5
6
7
8
9
10
D004
ID = 4 A
VDS = 15 V
S1
G1
D2
D2
D1
G2
S2
D1
Drain
Gate
Source
Drain
Gate
Source
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD87502Q2
SLPS560 – DECEMBER 2015
CSD87502Q2 30 V Dual N-Channel NexFET™ Power MOSFETs
1 Features
Product Summary
1
•
Low On-Resistance
TA = 25°C
TYPICAL VALUE
UNIT
•
Dual Independent MOSFETs
VDS
Drain-to-Source Voltage
30
V
•
Space Saving SON 2 × 2 mm Plastic Package
Qg
Gate Charge Total (4.5 V)
2.2
nC
Qgd
Gate Charge Gate to Drain
0.5
nC
•
Optimized for 5 V Gate Driver
VGS = 3.8 V
42.0
m
Ω
•
Avalanche Rated
RDS(on)
Drain-to-Source On Resistance
VGS = 4.5 V
35.5
m
Ω
•
Pb and Halogen Free
VGS = 10 V
27.0
m
Ω
•
RoHS Compliant
VGS(th)
Threshold Voltage
1.6
V
2 Applications
.
•
Point-of-Load Synchronous Buck Converter for
Ordering Information(1)
Applications in Networking, Telecom, and
DEVICE
MEDIA
QTY
PACKAGE
SHIP
Computing Systems
CSD87502Q2
7-Inch Reel
3000
SON 2 x 2 mm
Tape and
Plastic Package
Reel
CSD87502Q2T
7-Inch Reel
250
•
Adaptor or USB Input Protection for Notebook
PCs and Tablets
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Battery Protection
Absolute Maximum Ratings
3 Description
TA = 25°C
VALUE
UNIT
The CSD87502Q2 is a 30 V, 27 m
Ω N-Channel
VDS
Drain-to-Source Voltage
30
V
device with dual independent MOSFETs in a SON 2 x
VGS
Gate-to-Source Voltage
±20
V
2 mm plastic package. The two FETs were designed
ID
Continuous Drain Current (Package limited)
5.0
A
to
be
used
in
a
half-bridge
configuration
for
synchronous
buck
and
other
power
supply
IDM
Pulsed Drain Current(1)
23
A
applications. Additionally, these NexFET™ power
PD
Power Dissipation(2)
2.3
W
MOSFETs can be used for adaptor, USB input
TJ,
Operating Junction Temperature,
–55 to 150
°C
Tstg
Storage Temperature
protection, and battery charging applications. The
dual FETs feature low drain-to-source on-resistance
Avalanche Energy, single pulse
EAS
3.1
mJ
ID = 7.9 A, L = 0.1 mH, RG = 25 Ω
that minimizes losses and offers low component
count for space-constrained applications.
(1) Max RθJA = 185 °C/W, pulse duration ≤100 μs, duty cycle
≤1%.
Top View and Circuit Image
(2) Typical RθJA = 55 °C/W on a 1 inch
2, 2 oz. Cu pad on a 0.06
inch thick FR4 PCB.
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD87502Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87502Q2 TI1-CSD87502Q2 Datasheet
599Kb / 13P
Dual N-Channel NexFET Power MOSFETs
CSD87502Q2 TI2-CSD87502Q2 Datasheet
655Kb / 12P
CSD87502Q2 30 V Dual N-Channel NexFET™ Power MOSFETs
DECEMBER 2015
CSD87502Q2.B TI2-CSD87502Q2.B Datasheet
655Kb / 12P
CSD87502Q2 30 V Dual N-Channel NexFET™ Power MOSFETs
DECEMBER 2015
CSD87502Q2G4.B TI2-CSD87502Q2G4.B Datasheet
655Kb / 12P
CSD87502Q2 30 V Dual N-Channel NexFET™ Power MOSFETs
DECEMBER 2015
CSD87502Q2T TI1-CSD87502Q2T Datasheet
599Kb / 13P
Dual N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD87502Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
30-V, N-Channel NexFET Power MOSFETs
CSD17552Q5A TI-CSD17552Q5A Datasheet
737Kb / 11P
30-V, N-Channel NexFET Power MOSFETs
CSD87312Q3E TI-CSD87312Q3E Datasheet
789Kb / 12P
Dual 30-V N-Channel NexFET Power MOSFETs
CSD17381F4 TI-CSD17381F4 Datasheet
1Mb / 11P
30-V, N-Channel NexFET??Power MOSFETs
CSD17573Q5B TI-CSD17573Q5B_15 Datasheet
973Kb / 15P
CSD17573Q5B 30 V N-Channel NexFET Power MOSFETs
CSD17578Q3A TI-CSD17578Q3A_15 Datasheet
955Kb / 15P
CSD17578Q3A 30 V N-Channel NexFET Power MOSFETs
CSD17308Q3 TI1-CSD17308Q3_15 Datasheet
412Kb / 13P
30-V N-Channel NexFET Power MOSFETs
CSD17581Q3A TI1-CSD17581Q3A Datasheet
380Kb / 13P
30-V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
30-V Dual N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
30-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com