Electronic Components Datasheet Search
  English  ▼

X  

CSD87502Q2 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87502Q2
Description  CSD87502Q2 30 V Dual N-Channel NexFET??Power MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87502Q2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD87502Q2 Datasheet HTML 5Page - Texas Instruments CSD87502Q2 Datasheet HTML 6Page - Texas Instruments CSD87502Q2 Datasheet HTML 7Page - Texas Instruments CSD87502Q2 Datasheet HTML 8Page - Texas Instruments CSD87502Q2 Datasheet HTML 9Page - Texas Instruments CSD87502Q2 Datasheet HTML 10Page - Texas Instruments CSD87502Q2 Datasheet HTML 11Page - Texas Instruments CSD87502Q2 Datasheet HTML 12Page - Texas Instruments CSD87502Q2 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2.00±0.05
Ø1.50±0.10
Ø1.00±0.25
M0168-01
4.00±0.10
4.00±0.10
10°Max
10°Max
0.254±0.02
1.00±0.05
2.30±0.05
CSD87502Q2
SLPS560 – DECEMBER 2015
www.ti.com
7.4 Q2 Tape and Reel Information
Notes: 1. Measured from centerline of sprocket hole to centerline of pocket
2. Cumulative tolerance of 10 sprocket holes is ±0.20
3. Other material available
4. Typical SR of form tape Max 109 OHM/SQ
5. All dimensions are in mm, unless otherwise specified.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD87502Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com