Electronic Components Datasheet Search
  English  ▼

X  

LM113 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM113
Description  Reference Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM113 Datasheet(HTML) 3 Page - Texas Instruments

  LM113 Datasheet HTML 1Page - Texas Instruments LM113 Datasheet HTML 2Page - Texas Instruments LM113 Datasheet HTML 3Page - Texas Instruments LM113 Datasheet HTML 4Page - Texas Instruments LM113 Datasheet HTML 5Page - Texas Instruments LM113 Datasheet HTML 6Page - Texas Instruments LM113 Datasheet HTML 7Page - Texas Instruments LM113 Datasheet HTML 8Page - Texas Instruments LM113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM113, LM313
www.ti.com
SNVS747A – SEPTEMBER 2011 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Power Dissipation (3)
100 mW
Reverse Current
50 mA
Forward Current
50 mA
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 seconds)
300°C
Operating Temperature Range
LM113
−55°C to+125°C
LM313
0°C to +70°C
(1)
Refer to the following RETS drawings for military specifications: RETS113-1X for LM113-1, RETS113-2X for LM113-2 or RETS113X for
LM113.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
For operating at elevated temperatures, the device must be derated based on a 150°C maximum junction and a thermal resistance of
80°C/W junction to case or 440°C/W junction to ambient.
Electrical Characteristics
(1)
Parameter
Conditions
Min
Typ
Max
Units
Reverse Breakdown Voltage
LM113/LM313
IR = 1 mA
1.160
1.220
1.280
V
LM113-1
1.210
1.22
1.232
V
LM113-2
1.195
1.22
1.245
V
Reverse Breakdown Voltage Change
0.5 mA
≤ IR ≤ 20 mA
6.0
15
mV
IR = 1 mA
0.2
1.0
Ω
Reverse Dynamic Impedance
IR = 10 mA
0.25
0.8
Ω
Forward Voltage Drop
IF = 1.0 mA
0.67
1.0
V
10 Hz
≤ f ≤ 10 kHz
RMS Noise Voltage
5
μV
IR = 1 mA
Reverse Breakdown Voltage Change with Current
0.5 mA
≤ IR ≤ 10 mA
15
mV
TMIN ≤ TA ≤ TMAX
Breakdown Voltage Temperature Coefficient
1.0 mA
≤ IR ≤ 10 mA
0.01
%/°C
TMIN ≤ TA ≤ TMAX
(1)
These specifications apply for TA = 25°C, unless stated otherwise. At high currents, breakdown voltage should be measured with lead
lengths less than ¼ inch. Kelvin contact sockets are also recommended. The diode should not be operated with shunt capacitances
between 200 pF and 0.1
μF, unless isolated by at least a 100Ω resistor, as it may oscillate at some currents.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM113 LM313



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com