Electronic Components Datasheet Search
  English  ▼

X  

LM113 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM113
Description  Reference Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM113 Datasheet(HTML) 1 Page - Texas Instruments

  LM113 Datasheet HTML 1Page - Texas Instruments LM113 Datasheet HTML 2Page - Texas Instruments LM113 Datasheet HTML 3Page - Texas Instruments LM113 Datasheet HTML 4Page - Texas Instruments LM113 Datasheet HTML 5Page - Texas Instruments LM113 Datasheet HTML 6Page - Texas Instruments LM113 Datasheet HTML 7Page - Texas Instruments LM113 Datasheet HTML 8Page - Texas Instruments LM113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM113, LM313
www.ti.com
SNVS747A – SEPTEMBER 2011 – REVISED MAY 2013
LM113/LM313 Reference Diode
Check for Samples: LM113, LM313
1
FEATURES
DESCRIPTION
The LM113/LM313 are temperature compensated,
2
•
Low Breakdown Voltage: 1.220V
low voltage reference diodes. They feature extremely-
•
Dynamic Impedance of 0.3
Ω From 500 μA to 20
tight regulation over a wide range of operating
mA
currents in addition to an unusually-low breakdown
•
Temperature Stability Typically 1% Over
−55°C
voltage and good temperature stability.
to 125°C Range (LM113), 0°C to 70°C (LM313)
The diodes are synthesized using transistors and
•
Tight Tolerance: ±5%, ±2% or ±1%
resistors in a monolithic integrated circuit. As such,
they have the same low noise and long term stability
The characteristics of this reference
as modern IC op amps. Further, output voltage of the
recommend it for use in bias-regulation
reference
depends
only
on
highly-predictable
circuitry, in low-voltage power supplies or in
properties of components in the IC; so they can be
battery powered equipment. The fact that the
manufactured and supplied to tight tolerances.
breakdown voltage is equal to a physical
property of silicon—the energy-band gap
voltage—makes it useful for many
temperature-compensation and temperature-
measurement functions.
Schematic and Connection Diagram
Figure 1. Metal Can Package
See Package Number NDU
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM113

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM113 NSC-LM113 Datasheet
126Kb / 4P
Reference Diode
logo
Connor-Winfield Corpora...
LM113-155.52M CONNOR-WINFIELD-LM113-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM113-1H NSC-LM113-1H Datasheet
126Kb / 4P
Reference Diode
logo
Texas Instruments
LM113-1H-QMLV TI1-LM113-1H-QMLV Datasheet
350Kb / 12P
LM113QML Reference Diode
LM113-1H-SMD TI1-LM113-1H-SMD Datasheet
350Kb / 12P
LM113QML Reference Diode
More results

Similar Description - LM113

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM113 NSC-LM113 Datasheet
126Kb / 4P
Reference Diode
LM136 NSC-LM136 Datasheet
108Kb / 8P
2.5V REFERENCE DIODE
LM336-2.5 NSC-LM336-2.5 Datasheet
223Kb / 12P
Reference Diode
logo
Central Semiconductor C...
CMPD200 CENTRAL-CMPD200 Datasheet
59Kb / 2P
FORWARD REFERENCE DIODE
logo
National Semiconductor ...
LM136-2.5 NSC-LM136-2.5_05 Datasheet
679Kb / 12P
Reference Diode
LM136A-2.5 NSC-LM136A-2.5 Datasheet
276Kb / 12P
Reference Diode
LM136A-2.5 NSC-LM136A-2.5_09 Datasheet
311Kb / 14P
Reference Diode
logo
Texas Instruments
LM336BMX-2.5 TI1-LM336BMX-2.5 Datasheet
676Kb / 14P
Reference Diode
LM113QML TI1-LM113QML_13 Datasheet
297Kb / 10P
Reference Diode
LM136-2.5-N TI1-LM136-2.5-N_14 Datasheet
453Kb / 16P
Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com