Electronic Components Datasheet Search
  English  ▼

X  

TLE4966L Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4966L
Description  High Precision Hall-Effect Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4966L Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4966L Datasheet HTML 1Page - Infineon Technologies AG TLE4966L Datasheet HTML 2Page - Infineon Technologies AG TLE4966L Datasheet HTML 3Page - Infineon Technologies AG TLE4966L Datasheet HTML 4Page - Infineon Technologies AG TLE4966L Datasheet HTML 5Page - Infineon Technologies AG TLE4966L Datasheet HTML 6Page - Infineon Technologies AG TLE4966L Datasheet HTML 7Page - Infineon Technologies AG TLE4966L Datasheet HTML 8Page - Infineon Technologies AG TLE4966L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TLE4966L
Data Sheet
4/11
2003-11-20
Absolute Maximum Ratings
Tj = -40 to 150°C
Parameter
Symbol
min.
max.
Unit
Conditions
Supply Voltage
VS
-18
-18
-18
18
24
26
V
for 1h ,Rs>=200 Ohm
for 5min, Rs>=200 Ohm
Supply Current through
protection device
IS
-50
+50
mA
Output Voltage
VQ
-0.7
-0,7
18
26
V
for 5 min @ 1.2 kOhm pull up
Continuous Output
Current
IQ
-50
+50
mA
Junction Temperature
Tj
-
155
165
175
195
°C
for 2000 h (not additive)
for 1000 h (not additive)
for 168 h (not additive)
for 3x1 h (additive)
Storage Temperature
TS
-40
150
°C
Magnetic Flux Density
B
-
unlimit.
mT
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD Protection
Human Body Model (HBM) tests according to:
EOS/ESD Association Standard S5.1-1993 and Mil. Std. 883D method 3015.7
Parameter
Symbol
max.
Unit
Conditions
ESD Voltage
VESD
± 4
kV
HBM, R= 1.500 Ohm,
C= 100pF; TA = 25°C
Operating Range
Parameter
Symbol
min.
typ.
max.
Unit
Conditions
Supply Voltage
VS
2.7
-
18
24
26
V
1h with RS >= 200 Ohm
for 5min RS >= 200 Ohm
Output Voltage
VQ
-0.7
-
18
V
Junction Temperature
Tj
-40
-
150
175
°C
for 168 h
Output Current
IQ
0
-
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com