Electronic Components Datasheet Search
  English  ▼

X  

TLE4966L Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4966L
Description  High Precision Hall-Effect Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4966L Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4966L Datasheet HTML 1Page - Infineon Technologies AG TLE4966L Datasheet HTML 2Page - Infineon Technologies AG TLE4966L Datasheet HTML 3Page - Infineon Technologies AG TLE4966L Datasheet HTML 4Page - Infineon Technologies AG TLE4966L Datasheet HTML 5Page - Infineon Technologies AG TLE4966L Datasheet HTML 6Page - Infineon Technologies AG TLE4966L Datasheet HTML 7Page - Infineon Technologies AG TLE4966L Datasheet HTML 8Page - Infineon Technologies AG TLE4966L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
High Precision Hall-Effect Switch
TLE4966L
Data Sheet Version 1.0
2003-11-20
Features
• 2.7V to 24V supply voltage operation
• Operation from unregulated power supply
• High sensitivity and high stability of the magnetic
switching points
• High resistance to mechanical stress by active error
compensation
• Reverse battery protection (-18V)
• Superior temperature stability
• Peak temperatures up to 195°C without damage
• Low jitter (typ. 1µs)
• Digital output signal
• Bipolar version
• Excellent matching between the 2 Hall probes
• Hall plate distance 1.45mm
• Direction & speed information
• Direction signal switches 1 µs before the speed signal
• Leaded package P-SSO-4-1
Type
Ordering Code
Package
TLE4966L
Q62705-K696
P-SSO-4-1
Functional Description
The TLE4966L is an integrated circuit double Hall-effect sensor designed specifically for
highly accurate applications. Precise magnetic switching points and high temperature
stability are achieved by active compensation circuits and chopper techniques on chip.
The TLE4966L provides a speed signal at Q2 for every magnetic pole pair and a direction
information at Q1. The direction output switches 1
µs (min.) before the speed output.
P-SSO-4-1


Similar Part No. - TLE4966L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4966L INFINEON-TLE4966L Datasheet
854Kb / 16P
High Precision Hall-Effect Switch with Direction Detection
V 2.0, Feb 2009
TLE4966L INFINEON-TLE4966L_09 Datasheet
854Kb / 16P
High Precision Hall-Effect Switch with Direction Detection
V 2.0, Feb 2009
More results

Similar Description - TLE4966L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4906L INFINEON-TLE4906L Datasheet
156Kb / 9P
High Precision Hall-Effect Switch
Version 1.0 2003-11-20
TLE4946-1L INFINEON-TLE4946-1L Datasheet
156Kb / 9P
High Precision Hall-Effect Switch
2004-03-04
TLE4946H INFINEON-TLE4946H Datasheet
147Kb / 9P
High Precision Hall-Effect Switch
2003-11-20
TLE4966H INFINEON-TLE4966H Datasheet
180Kb / 11P
High Precision Hall-Effect Switch
2003-11-20
TLE4976-1H INFINEON-TLE4976-1H Datasheet
142Kb / 9P
High Precision Hall-Effect Switch
Version 1.0 2003-11-20
TLE4976L INFINEON-TLE4976L Datasheet
154Kb / 9P
High Precision Hall-Effect Switch
Version 1.0 2003-11-20
TLE4906H INFINEON-TLE4906H_05 Datasheet
874Kb / 20P
High Precision Hall-Effect Switch
V 1.1, Oct. 2005
TLE4906K INFINEON-TLE4906K Datasheet
809Kb / 17P
High Precision Hall Effect Switch
2009-01, V 2.0
TLE4906-2K INFINEON-TLE4906-2K Datasheet
1Mb / 16P
High Precision Hall-Effect Switch
Rev 1.0, 2010-12
TLE4906-3K INFINEON-TLE4906-3K Datasheet
1Mb / 16P
High Precision Hall-Effect Switch
Rev 1.0, 2010-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com