Electronic Components Datasheet Search
  English  ▼

X  

RHD5950 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # RHD5950
Description  RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5950 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  RHD5950 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 6Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 7Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SCD5950 Rev G 1/14/16
Aeroflex Plainview
Integral Nonlinearity 1/
INL
PREF-NREF = 4.0 V
-48
48
LSBs
Differential Nonlinearity 1/
DNL
PREF-NREF = 4.0 V
-8.2
8.2
LSBs
Offset Error 1/OE
PREF-NREF = 4.0 V
-1
1
%FSR
Gain Error 1/AE
PREF-NREF = 4.0 V
-2
2
%FSR
Clock Frequency 1/fC
PREF-NREF = 5.0 V
-
1
MHz
Maximum Sampling Rate 2/
fSAMPLE
(MAX)
fC = 1 MHZ, 20 clocks per conversion
-
50
kSPS
High Input Leakage Current
(AIN00-AIN15) 1/ 3/
IINLK
HI
Input under test = AvCC,
VEN = DVCC
+25°C
-5
5
nA
+125°C
-50
50
Low Input Leakage Current
(AIN00-AIN15) 1/ 3/
IINLK
LO
Input under test = AGND,
VEN = DVCC
+25°C
-5
5
+125°C
-50
50
Digital High Level Input Voltage
EN_H, STCNV_H, OE_H, CLK,
(AD00-AD03)
VIH
DVRP = 5.0 V 1/3.5
-
V
DVRP = 3.3 V 2/2.31
-
Digital Low Level Input Voltage
EN_H, STCNV_H, OE_H, CLK,
(AD00-AD03)
VIL
DVRP = 5.0 V 1/-
1.5
DVRP = 3.3 V 2/
-
0.99
Digital High Level Input Current
EN_H, STCNV_H, OE_H, CLK,
(AD00-AD03) 1/ 3/
IIH
Digital input under test = 5.0 V
All other digital inputs = DGND
+25°C
-5
5
nA
+125°C
-50
50
Digital Low Level Input Current
EN_H, STCNV_H, OE_H, CLK,
(AD00-AD03) 1/ 3/
IIL
All digital inputs = DGND
+25°C
-5
5
+125°C
-50
50
Digital High Level Output Voltage
(B00-B13) 1/
VOH
DVRP = 5.0 V, VEN = DvCC, IOH = -4.0 mA
4.2
-
V
DVRP = 3.3 V, VEN = DvCC, IOH = -4.0 mA
2.7
-
Digital Low Level Output Voltage
(B00-B13) 1/
VOL
DVRP = 5.0 V,
VEN = DvCC,
IOL = +4.0 mA
-55°C,
+25°C
-0.6
V
+125°C
-
0.8
DVRP = 3.3 V,
VEN = DvCC,
IOL = +4.0 mA
-55°C,
+25°C
-0.6
+125°C
-
0.8
Digital High Level Output Current
(B00-B13) 1/
IOH
(SOURCE)
DVRP = 5.0 V, VEN = VIH
--4.0
mA
DVRP = 3.3 V, VEN = VIH
--4.0
Digital Low Level Output Current
(B00-B13) 1/
IOL
(SINK)
DVRP = 5.0 V, VEN = VIH
-4.0
DVRP = 3.3 V, VEN = VIH
-4.0
High Output Leakage Current
(B00-B13) 1/ 3/
IOUTLK
HI
VOE = DGND
+25°C
-5
5
nA
+125°C
-50
50
Low Output Leakage Current
(B00-B13) 1/ 3/
IOUTLK
LO
VOE = DGND
+25°C
-5
5
+125°C
-50
50
Notes:
1/ Specification derated to reflect Total Dose exposure to 100krad(Si) @ +25°C.
2/ Not tested. Shall be guaranteed by design, characterization, or correlation to other test parameters.
3/ These parameters for Tc = -55°C are guaranteed by design, characterization, or correlation to other test parameters.
ELECTRICAL PERFORMANCE CHARACTERISTICS
(TC = -55°C TO +125°C, +AVCC = +5.0 V, +DVCC = +5.0 V, +DRVP = +5.0 V, unless stated otherwise)
Parameter
Symbol
Conditions
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com