Electronic Components Datasheet Search
  English  ▼

X  

RHD5950 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # RHD5950
Description  RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5950 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  RHD5950 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 6Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 7Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SCD5950 Rev G 1/14/16
Aeroflex Plainview
SWITCHING CHARACTERISTICS
(TC = -55°C TO +125°C, +AVCC = +5.0 V, +DVCC = +5.0 V, +DRVP = +5.0 V, unless stated otherwise)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
STCNV_H to CLK
20
-
-
ns
ADDRESS to CLK Setup
20
-
-
ns
CLK to BUSY_L Low
-
50
-
ns
CLK to EOC_H High
-
50
-
ns
EOC_H to OUTPUT DATA
-
50
-
ns
CLK to EOC_H Low
-
50
-
ns
CLK to BUSY_L High
-
50
-
ns
CLK Pulse Width
50
-
-
ns
DATA Sampling Time
3
-
5
ns
FIGURE 2: BASIC TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com