Electronic Components Datasheet Search
  English  ▼

X  

UT54ACS02E Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # UT54ACS02E
Description  Quadruple 2-Input NOR Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS02E Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  UT54ACS02E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
DC ELECTRICAL CHARACTERISTICS FOR THE UT54ACS02E7
( VDD = 3.0V to 5.5V; VSS = 0V
6; -55
C < T
C < +125C)
SYMBOL
DESCRIPTION
CONDITION
MIN
MAX
UNIT
VIL
Low-level input voltage 1
VDD from 3.0V to 5.5V
0.3 VDD
V
VIH
High-level input voltage 1
VDD from 3.0V to 5.5V
0.7 VDD
V
IIN
Input leakage current
VIN = VDD or VSS
-1
1
A
VOL
Low-level output voltage 3
IOL = 100A
VDD from 3.0V to 5.5V
0.25
V
VOH
High-level output voltage 3
IOH = -100A
VDD from 3.0V to 5.5V
VDD - 0.25
V
IOS1
Short-circuit output current 2 ,4
VO = VDD and VSS,
VDD from 4.5V to 5.5V
-200
200
mA
IOS2
Short-circuit output current 2 ,4
VO = VDD and VSS,
VDD from 3.0V to 3.6V
-100
100
mA
IOL1
Low level output current
(sink)9
VIN = VDD or VSS
VOL = 0.4V
VDD from 4.5V to 5.5V
8
mA
IOL2
Low level output current
(sink)9
VIN = VDD or VSS
VOL = 0.4V
VDD from 3.0V to 3.6V
6
mA
IOH1
High level output current
(source)9
VIN = VDD or VSS
VOH = VDD-0.4V
VDD from 4.5V to 5.5V
-8
mA
IOH2
High level output current
(source)9
VIN = VDD or VSS
VOH = VDD-0.4V
VDD from 3.0V to 3.6V
-6
mA
Ptotal1
Power dissipation 2, 8
CL = 50pF, VDD = 4.5V to 5.5V
1.8
mW/
MHz
Ptotal2
Power dissipation 2, 8
CL = 50pF, VDD = 3.0V to 3.6V
0.72
mW/
MHz
IDDQ
Quiescent Supply Current
VIN = VDD or VSS, VDD from 3.0V to 5.5V
10
A
CIN
Input capacitance 5
 = 1MHz, V
DD = 0V
15
pF
COUT
Output capacitance 5
 = 1MHz, V
DD = 0V
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com