Electronic Components Datasheet Search
  English  ▼

X  

UT54ACS02E Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACS02E
Description  Quadruple 2-Input NOR Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS02E Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACS02E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
UT54ACS02E/UT54ACTS02E
Quadruple 2-Input NOR Gate
July, 2013
www.aeroflex.com/Logic
FEATURES
 m CRH CMOS Process
- Latchup immune
 High speed
 Low power consumption
 Wide power supply operating range of 3.0V to 5.5V
 Available QML Q or V processes
 14-lead flatpack
 UT54ACS02E - SMD - 5962-96514
 UT54ACTS02E - SMD - 5962-96515
DESCRIPTION
The UT54ACS02E and UT54ACTS02E are quadruple, two-
input NOR gates. The circuits perform the Boolean functions
Y = A + B or Y = A
 B in positive logic.
The devices are characterized over the full HiRel temperature
range of -55
C to +125C.
FUNCTION TABLE
LOGIC SYMBOL
PINOUT
14-Lead Flatpack
Top View
LOGIC DIAGRAM
INPUTS
OUTPUT
A
B
Y
H
X
L
X
H
L
L
L
H
Y1
(1)
(4)
Y2
Y3
(10)
(13)
Y4
(2)
A1
(3)
B1
(5)
A2
(6)
B2
(8)
A3
(9)
B3
(11)
A4
(12)
B4
Note:
1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC
Publication 617-12.
1
1
2
3
4
5
7
6
14
13
12
11
10
8
9
Y1
A1
B1
Y2
A2
B2
VSS
VDD
Y4
B4
A4
Y3
B3
A3
B4
A4
Y4
B3
A3
Y3
A1
B1
Y1
A2
B2
Y2


Similar Part No. - UT54ACS02E

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS02 AEROFLEX-UT54ACS02 Datasheet
230Kb / 9P
Quadruple 2-Input NOR Gates
More results

Similar Description - UT54ACS02E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4001B PHILIPS-HEF4001B Datasheet
25Kb / 3P
Quadruple 2-input NOR gate
January 1995
HEF4001UB PHILIPS-HEF4001UB Datasheet
134Kb / 8P
Quadruple 2-input NOR gate
January 1995
logo
Hitachi Semiconductor
HD14001BP HITACHI-HD14001BP Datasheet
62Kb / 6P
QUADRUPLE 2 INPUT NOR GATE
logo
Texas Instruments
SN74AUC02 TI-SN74AUC02 Datasheet
166Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
logo
NXP Semiconductors
HEC4001 PHILIPS-HEC4001 Datasheet
29Kb / 3P
Quadruple 2-input NOR gate
January 1995
logo
Texas Instruments
74ACT11810 TI1-74ACT11810 Datasheet
92Kb / 6P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATE
SN74HC02-EP TI1-SN74HC02-EP Datasheet
492Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74LVC02A-EP TI1-SN74LVC02A-EP Datasheet
473Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74HC02-Q1 TI1-SN74HC02-Q1 Datasheet
230Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74LVC02A-Q1 TI1-SN74LVC02A-Q1 Datasheet
236Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com