Electronic Components Datasheet Search
  English  ▼

X  

RAC02-SE Datasheet(PDF) 1 Page - Recom International Power

Part # RAC02-SE
Description  2 Watt Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC02-SE Datasheet(HTML) 1 Page - Recom International Power

  RAC02-SE Datasheet HTML 1Page - Recom International Power RAC02-SE Datasheet HTML 2Page - Recom International Power RAC02-SE Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Refer to Applications Notes
Any data referred to in this datasheet are of indicative nature
and based on our practical experience only. For futher details,
please refer to Application Notes
PA-1
REV.: 0/2015
www.recom-international.com
AC/DC Converter
3 YEAR
warranty
3
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
85VAC
120VDC
305VAC
430VDC
Input Current
full load, 115VAC
full load, 230VAC
47mA
30mA
absolute max. Input Current
cold start at 25°C, 115VAC
cold start at 25°C, 230VAC
15A
30A
No load Power Consumption
85-305VAC, 47-440Hz
35mW
Input Frequency
AC Input
47Hz
440Hz
Hold-up time
full load, 115VAC
18ms
Operating Frequency
100% load at nominal Vin
55kHz
Efficiency
see Selection Guide
Minimum Load
2% typ.
Output Ripple and Noise
3.3V
5V, 12V, 24V
300mVp-p
250mVp-p
Description
The ultra-compact wired RAC02-SE/277/W modules are available with output voltages of 3.3, 5, 12
and 24V, and the input-to-output isolation is 3kVAC/1min. With a standby consumption of 35mW
maximum, the mini power supplies are particularly suitable for energy-saving sleep mode and standby
applications. Because of its compact design (height <17.75 mm), it is a versatile solution for home
automation and other similar applications. Complete with an integrated input filter, the series has
enhanced EMI performance and complies with EN55022, class B. The mini power supplies are
also protected against short circuit with fully automatic restart after the error has been solved. The
converters are EN/UL60950-1 certified and come complete with a 3 year warranty.
E224736
Features
Regulated
Converters
• 35mW max. No Load Power Consumption
• Efficiency up to 76%
• Isolated Output 3kVAC / 1 min
• SCP, OVP Protection
• Wide Operating Temperature Range:
-40°C to +85°C
• Universal Input 85-305VAC
2 Watt
Single
Output
RAC02-SE/277/W
Selection Guide
Part
Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage Range
Voltage
Current
typ.
Load
(VAC)
(VDC)
(mA)
(%)
(µF)
RAC02-3.3SE/277/W
85-305
3.3
600
67
12000
RAC02-05SE/277/W
85-305
5.0
400
70
5500
RAC02-12SE/277/W
85-305
12
167
73
500
RAC02-24SE/277/W
85-305
24
83
76
160


Similar Part No. - RAC02-SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC02-SE-277 RECOM-RAC02-SE-277 Datasheet
387Kb / 4P
2 Watt Single Output
RAC02-SE-277-W RECOM-RAC02-SE-277-W Datasheet
363Kb / 4P
2 Watt Single Output
RAC02-SE277 RECOM-RAC02-SE277 Datasheet
402Kb / 4P
35mW max. No Load Power Consumption
RAC02-SE277W RECOM-RAC02-SE277W Datasheet
380Kb / 4P
35mW max. No Load Power Consumption
More results

Similar Description - RAC02-SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REZ-053.3S RECOM-REZ-053.3S_06 Datasheet
90Kb / 3P
2 Watt SIP7 Single Output
RI-053.3S RECOM-RI-053.3S Datasheet
93Kb / 3P
2 Watt SIP4 Single Output
RP60-243.3SG RECOM-RP60-243.3SG Datasheet
92Kb / 4P
60 Watt 2??x 2??Single Output
R12-180S15P RECOM-R12-180S15P_06 Datasheet
80Kb / 2P
2 ~ 2.5 Watt Single Output
RAC01-3.3SC RECOM-RAC01-3.3SC Datasheet
123Kb / 2P
1 - 2 Watt Single Output
RAC01-C RECOM-RAC01-C Datasheet
81Kb / 2P
1 - 2 Watt Single Output
RAC02-SE-277 RECOM-RAC02-SE-277 Datasheet
387Kb / 4P
2 Watt Single Output
RAC02-SE-277-W RECOM-RAC02-SE-277-W Datasheet
363Kb / 4P
2 Watt Single Output
R2SX RECOM-R2SX Datasheet
584Kb / 6P
2 Watt SMD Single Output
RSK-RUW RECOM-RSK-RUW Datasheet
1Mb / 4P
2 Watt SIP8 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com