Electronic Components Datasheet Search
  English  ▼

X  

RAC02-SE Datasheet(PDF) 3 Page - Recom International Power

Part # RAC02-SE
Description  2 Watt Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC02-SE Datasheet(HTML) 3 Page - Recom International Power

  RAC02-SE Datasheet HTML 1Page - Recom International Power RAC02-SE Datasheet HTML 2Page - Recom International Power RAC02-SE Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PA-3
REV.: 0/2015
www.recom-international.com
AC/DC Converter
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Potting
UL94V-0, black plastic
UL94V-0, Silicone
Dimensions (LxWxH)
33.7 x 22.2 x 17.75mm
Weight
25g typ.
Packaging Dimensions (LxWxH)
Cardboard Box
520 x 195 x 67mm
Packaging Quantity
30 pcs.
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)
RAC02-SE/277/W
Series
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
EN General Safety
SPCLVD1208051
EN-60950-1, 2nd Edition
UL General Safety
E224736
UL-60950-1, 2nd Edition
Certificate Type (Environmental)
Report / File Number
Standard / Criterion
ESD
Radiated Immunity
Fast Transient
Surge
Conducted Immunity
Voltage dips and variations
Voltage flicker
EN61000-4-2, Criteria B
EN61000-4-3, Criteria A
EN61000-4-4, Criteria B
EN61000-4-5, Criteria B
EN61000-4-6, Criteria A
EN61000-4-8, Criteria A
EN-61000-3-3
EMI Standard
Report: 1502CE17
EN55022, Class B
EN55024
Bottom View
2
3
4
1
33.7
28.0
5.0
Ø1.5
Ø2.4
Mechanical Dimensions (mm)
The product information and specifications are subject to change without prior notice. All products are designed for non-safety critical commercial and industrial applications.
The buyer agrees to implement safeguards that anticipate the consequences of any failures that might cause harm, loss of life and/or property damage.
Wired Connections
Wired Color
Type
Single
1, brown
UL-1015, AWG#22
VAC in (L)
2, blue
UL-1015, AWG#22
VAC in (N)
3, red
UL-1430, AWG#22
+Vout
4, black
UL-1430, AWG#22
-Vout
Tolerance:
±0.35mm
Case= ±0.5mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com