Electronic Components Datasheet Search
  English  ▼

X  

TLE6259-2 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6259-2
Description  Single-Wire-Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6259-2 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6259-2 Datasheet HTML 2Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 3Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 4Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 5Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 6Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 7Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 8Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 9Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Final Datasheet TLE 6259-2
Version 2.06
6
2003-02-21
The 100nF capacitors close to the VS pins of the 6259-2 and the voltage regulator help
to improve the EMC behavior of the system.
Sleep Mode
In order to reduce the current consumption the TLE 6259-2 offers a sleep operation
mode. This mode is selected by switching the enable input EN low (see figure 3, state
diagram). In the sleep mode, a voltage regulator can be controlled via the INH output in
order to minimize the current consumption of the whole application. A wake-up caused
by a message on the communication bus, automatically enables the voltage regulator by
switching the INH output high. In parallel the wake-up is indicated by setting the RxD
output LOW. When entering the normal mode this wake-up flag is reset and the RxD
output is released to transmit the bus data.
In case the voltage regulator control input is not connected to INH output or the
microcontroller is active respectively, the TLE6259-2 can be set in normal operation
mode without a wake-up via the communication bus.
Bus Short to GND Feature
The TLE6259-2 also has a BUS short to GND feature implemented, in order to protect
the battery from running out of charge. A normal master termination connection like
described above, 1k
W resistor and diode between bus and VS, whould cause a
constantly drawn current via this path. The resulting resistance of this short to GND is
lower than 1k
W. To avoid this current during a generator off state, like a parked car, the
sleep mode has a bus short to GND feature implemented in the 6259-2. This feature is
only applicable, if the master termination is connected with the INH pin, instead of the
VS. For a more detailed information see the application circuit in figure 6 and 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com