Electronic Components Datasheet Search
  English  ▼

X  

TLE6259-2 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6259-2
Description  Single-Wire-Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6259-2 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6259-2 Datasheet HTML 9Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 10Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 11Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 12Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 13Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 14Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 15Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 16Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Final Datasheet TLE 6259-2
Version 2.06
13
2003-02-21
3
Diagrams
Figure 4: Test circuits
Figure 5: Timing diagrams for dynamic characteristics
Vs
Bus
RxD
TxD
V
CC
GND
C
bus
1 k
9
20 pF
100 nF
INH
100 nF
EN
GND
V
TxD
t
V
CC
V
bus
t
GND
V
RxD
t
V
CC
0.3*V
CC
0.7*V
CC
t
d(H),R
t
d(L),R
t
d(H),TR
t
d(L),TR
t
d(H),T
t
d(L),T
V
bus,rd
V
bus,dr
V
S
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com