Electronic Components Datasheet Search
  English  ▼

X  

DG540 Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # DG540
Description  Wideband/Video T Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG540 Datasheet(HTML) 1 Page - TEMIC Semiconductors

  DG540 Datasheet HTML 1Page - TEMIC Semiconductors DG540 Datasheet HTML 2Page - TEMIC Semiconductors DG540 Datasheet HTML 3Page - TEMIC Semiconductors DG540 Datasheet HTML 4Page - TEMIC Semiconductors DG540 Datasheet HTML 5Page - TEMIC Semiconductors DG540 Datasheet HTML 6Page - TEMIC Semiconductors DG540 Datasheet HTML 7Page - TEMIC Semiconductors DG540 Datasheet HTML 8Page - TEMIC Semiconductors DG540 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PLCC
14
15
16
17
18
8
7
6
5
4
1
2
319
20
11
10
913
12
Top View
S1
GND
V–
S2
GND
V+
S4
GND
GND
S3
V–
GND
D4
S3
Dual-In-Line
D3
GND
GND
GND
S4
GND
S2
V+
GND
IN1
IN3
IN2
S1
IN4
D1
D2
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
Top View
912
10
11
DG540
DG540
DG540/541/542
Siliconix
S-53694—Rev. E, 28-May-97
1
Wideband/Video “T” Switches
Features
Benefits
Applications
D Wide Bandwidth: 500 MHz
D Low Crosstalk: –85 dB
D High Off-Isolation: –80 dB @ 5 MHz
D “T” Switch Configuration
D TTL Logic Compatible
D Fast Switching—tON: 45 ns
D Low rDS(on): 30 W
D Flat Frequency Response
D High Color Fidelity
D Low Insertion Loss
D Improved System Performance
D Reduced Board Space
D Reduced Power Consumption
D Improved Data Throughput
D RF and Video Switching
D RGB Switching
D Local and Wide Area Networks
D Video Routing
D Fast Data Acquisition
D ATE
D Radar/FLR Systems
D Video Multiplexing
Description
The DG540/541/542 are high performance monolithic
wideband/video switches designed for switching RF, video
and digital signals. By utilizing a “T” switch configuration
on each channel, these devices achieve exceptionally low
crosstalk and high off-isolation. The crosstalk and
off-isolation of the DG540 are further improved by the
introduction of extra GND pins between signal pins.
To achieve TTL compatibility, low channel capacitances
and fast switching times, the DG540 family is built on the
Siliconix proprietary D/CMOS process. Each switch
conducts equally well in both directions when on.
Functional Block Diagrams and Pin Configurations
Truth Table
Logic
Switch
0
OFF
1
ON
Logic “0”
v 0.8 V
Logic “1”
w 2 V
Logic 1
w 2 V
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70055.


Similar Part No. - DG540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG540 VISHAY-DG540 Datasheet
146Kb / 11P
Wideband/Video T Switches
13-Sep-99
DG540 VISHAY-DG540 Datasheet
243Kb / 18P
Wideband/Video "T" Switches
18-Jul-11
DG540 VISHAY-DG540 Datasheet
253Kb / 18P
Wideband/Video “T” Switches
18-Jul-11
DG540AP VISHAY-DG540AP Datasheet
146Kb / 11P
Wideband/Video T Switches
13-Sep-99
DG540AP VISHAY-DG540AP Datasheet
243Kb / 18P
Wideband/Video "T" Switches
18-Jul-11
More results

Similar Description - DG540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
Low On-Resistance Wideband/Video Switches
06-Sep-99
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
Wideband Video Buffer
logo
Vishay Siliconix
DG540 VISHAY-DG540 Datasheet
146Kb / 11P
Wideband/Video T Switches
13-Sep-99
DG540 VISHAY-DG540_11 Datasheet
243Kb / 18P
Wideband/Video "T" Switches
18-Jul-11
DG641 VISHAY-DG641_11 Datasheet
321Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
DG642DJ-E3 VISHAY-DG642DJ-E3 Datasheet
327Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
logo
Analog Devices
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
Video Crosspoint Switches
5/16-Rev. 0 to Rev. A
logo
Vishay Siliconix
DG540 VISHAY-DG540_V01 Datasheet
253Kb / 18P
Wideband/Video “T” Switches
18-Jul-11
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
Low On-Resistance Wideband/Video Switches
31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com