Electronic Components Datasheet Search
  English  ▼

X  

DG540 Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # DG540
Description  Wideband/Video T Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG540 Datasheet(HTML) 3 Page - TEMIC Semiconductors

  DG540 Datasheet HTML 1Page - TEMIC Semiconductors DG540 Datasheet HTML 2Page - TEMIC Semiconductors DG540 Datasheet HTML 3Page - TEMIC Semiconductors DG540 Datasheet HTML 4Page - TEMIC Semiconductors DG540 Datasheet HTML 5Page - TEMIC Semiconductors DG540 Datasheet HTML 6Page - TEMIC Semiconductors DG540 Datasheet HTML 7Page - TEMIC Semiconductors DG540 Datasheet HTML 8Page - TEMIC Semiconductors DG540 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DG540/541/542
Siliconix
S-53694—Rev. E, 28-May-97
3
Absolute Maximum Ratings
V+ to V–
–0.3 V to 21 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V+ to GND
–0.3 V to 21 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V– to GND
–19 V to +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputs
(V–) –0.3 V to (V+) +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . .
or 20 mA, whichever occurs first
VS, VD
(V–) –0.3 V to (V–) +14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
or 20 mA, whichever occurs first
Continuous Current (Any Terminal)
20 mA
. . . . . . . . . . . . . . . . . . . . . .
Current, S or D (Pulsed 1 ms, 10% duty cycle max)
40 mA
. . . . . . . . . .
Storage Temperature
(AP Suffix)
–65 to 150
_C
. . . . . . . . . . . . . .
(DJ, DN, DY Suffixes)
–65 to 125
_C
. . . . .
Power Dissipation (Package)a
16-Pin Plastic DIPb
470 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
20-Pin Plastic DIPc
800 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin Narrow Body SOICd
640 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . .
20-Pin PLCCd
800 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-, 20-Pin Sidebraze DIPe
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
All leads welded or soldered to PC Board.
b.
Derate 6.5 mW/
_C above 25_C
c.
Derate 7 mW/
_C above 25_C
d.
Derate 10 mW/
_C above 75_C
e.
Derate 12 mW/
_C above 75_C
Schematic Diagram (Typical Channel)
Figure 1.
V+
IN
V–
GND
–
+
S
D
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com