Electronic Components Datasheet Search
  English  ▼

X  

UT54ACS191 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACS191
Description  Synchronous 4-Bit Up-Down Binary Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS191 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACS191 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS191/UT54ACTS191
Synchronous 4-Bit Up-Down Binary Counters
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
Single down/up count control line
Look-ahead circuitry enhances speed of cascaded counters
Fully synchronous in count modes
Asynchronously presettable with load control
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 16-pin DIP
- 16-lead flatpack
UT54ACS191 - SMD 5962-96564
UT54ACTS191 - SMD 5962-96565
DESCRIPTION
The UT54ACS191 and the UT54ACTS191 are synchronous 4-
bit reversible up-down binary counters. Synchronous counting
operation is provided by having all flip-flops clocked simulta-
neously so that the outputs change coincident with each other
when so instructed. Synchronous operation eliminates the out-
put counting spikes associated with asynchronous counters.
The outputs of the four flip-flops are triggered on a low-to-high-
level transition of the clock input if the enable input (CTEN) is
low. A logic one applied to CTEN inhibits counting. The di-
rection of the count is determined by the level of the down/up
(D/U) input. When D/U is low, the counter counts up and when
D/U is high, it counts down.
The counters feature a fully independent clock circuit. Changes
at control inputs (CTEN and D/U) that will modify the operating
mode have no effect on the contents of the counter until clocking
occurs.
The counters are fully programmable. The outputs may be
preset to either logic level by placing a low on the load input
and entering the desired data at the data inputs. The output will
change to agree with the data inputs independently of the level
of the clock input. The asynchronous load allows counters to
be used as modulo-N dividers by simply modifying the count
length with the preset inputs.
Two outputs have been made available to perform the cascading
function: ripple clock and maximum/minimum (MAX/MIN)
count. The MAX/MIN output produces a high-level output
pulse with a duration approximately equal to one complete cycle
of the clock while the count is zero (all outputs low) counting
down or maximum (15) counting up.
PINOUTS
16-Pin DIP
Top View
16-Lead Flatpack
Top View
The ripple clock output (RCO) produces a low-level output pulse
under those same conditions but only while the clock input is
low. The counters easily cascade by feeding the RCO to the
enable input of the succeeding counter if parallel clocking is
used, or to the clock input if parallel enabling is used. Use the
MAX/MIN count output to accomplish look-ahead for high-
speed operation.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
1
2
3
4
5
7
6
16
15
14
13
12
10
11
B
QB
QA
CTEN
D/U
QC
QD
VDD
A
CLK
RCO
MAX/MIN
C
8
9
VSS
D
LOAD
1
2
3
4
5
7
6
16
15
14
13
12
10
11
VDD
89
B
QB
QA
CTEN
D/U
QC
QD
A
CLK
RCO
MAX/MIN
LOAD
C
VSS
D


Similar Part No. - UT54ACS191

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS191E AEROFLEX-UT54ACS191E Datasheet
157Kb / 12P
Synchronous 4-Bit Up-Down Binary Counters
More results

Similar Description - UT54ACS191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54HC191 TI-SN54HC191 Datasheet
473Kb / 17P
4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B Datasheet
823Kb / 20P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS669 HITACHI-HD74LS669 Datasheet
102Kb / 7P
Synchronous Up/Down 4-bit Binary Counters
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B_08 Datasheet
826Kb / 20P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS193A TI1-SN54ALS193A_15 Datasheet
404Kb / 15P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com