Electronic Components Datasheet Search
  English  ▼

X  

MAX232E Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX232E
Description  짹15kV ESD-Protected,5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232E Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX232E Datasheet HTML 10Page - Maxim Integrated Products MAX232E Datasheet HTML 11Page - Maxim Integrated Products MAX232E Datasheet HTML 12Page - Maxim Integrated Products MAX232E Datasheet HTML 13Page - Maxim Integrated Products MAX232E Datasheet HTML 14Page - Maxim Integrated Products MAX232E Datasheet HTML 15Page - Maxim Integrated Products MAX232E Datasheet HTML 16Page - Maxim Integrated Products MAX232E Datasheet HTML 17Page - Maxim Integrated Products MAX232E Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Maxim Integrated | 14
www.maximintegrated.com
MAX202E–MAX213E,
MAX232E/MAX241E
±15kV ESD-Protected,
5V RS-232 Transceivers
Pin Configurations and Typical Operating Circuits (continued)
TOP VIEW
1
4
5
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
11
10
12
9
3
GND
C1-
C2+
5k
Ω
5k
Ω
C2-
T1IN
T2IN
R2OUT
R1OUT
VCC
+5V TO +10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
16
2
6
14
7
13
8
0.1
μF
0.1
μF*
16V
0.1
μF*
6.3V
0.1
μF*
16V
0.1
μF*
6.3V
C1+
RS-232
OUTPUTS
RS-232
INPUTS
-10V
+10V
V+
+5V INPUT
V-
T1OUT
R1IN
R2IN
T2OUT
T1
15
T2
R1
R2
PIN NUMBERS ON TYPICAL OPERATING CIRCUIT REFER TO DIP/SO/TSSOP PACKAGE, NOT LCC.
* 1.0
μF CAPACITORS, MAX232E ONLY.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
GND
T1OUT
R1IN
C2+
C1-
V+
C1+
MAX202E
MAX232E
R1OUT
T1IN
T2IN
R2OUT
R2IN
T2OUT
V-
C2-
DIP/SO/TSSOP
Table 3. DB9 Cable Connections
Commonly Used for EIA/TIA-232E and
V.24 Asynchronous Interfaces
PIN
CONNECTION
2
Receive Data (RD)
Data from DCE
3
Transmit Data (TD)
Data from DTE
4
Data Terminal Ready
Handshake from DTE
5
Signal Ground
Reference point for sig-
nals
6
Data Set Ready (DSR)
Handshake from DCE
7
Request to Send (RTS)
Handshake from DTE
8
Clear to Send (CTS)
Handshake from DCE
9
Ring Indicator
Handshake from DCE
1
Received Line Signal
Detector (sometimes
called Carrier Detect,
DCD)
Handshake from DCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com