Electronic Components Datasheet Search
  English  ▼

X  

MAX232E Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX232E
Description  짹15kV ESD-Protected,5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232E Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX232E Datasheet HTML 14Page - Maxim Integrated Products MAX232E Datasheet HTML 15Page - Maxim Integrated Products MAX232E Datasheet HTML 16Page - Maxim Integrated Products MAX232E Datasheet HTML 17Page - Maxim Integrated Products MAX232E Datasheet HTML 18Page - Maxim Integrated Products MAX232E Datasheet HTML 19Page - Maxim Integrated Products MAX232E Datasheet HTML 20Page - Maxim Integrated Products MAX232E Datasheet HTML 21Page - Maxim Integrated Products MAX232E Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Maxim Integrated | 18
www.maximintegrated.com
MAX202E–MAX213E,
MAX232E/MAX241E
±15kV ESD-Protected,
5V RS-232 Transceivers
Pin Configurations and Typical Operating Circuits (continued)
T3OUT
T1OUT
T2OUT
R1IN
R1OUT
T2IN
T1IN
GND
VCC
C1+
V+
C1-
DIP/SO/SSOP
TOP VIEW
MAX207E
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
T4OUT
R2IN
R2OUT
T5IN
T5OUT
T4IN
T3IN
R3OUT
R3IN
V-
C2-
C2+
VCC
TTL/CMOS
INPUTS
GND
+5V INPUT
+5V
T2OUT
400k
Ω
T2IN
T2
+5V
T1OUT
400k
Ω
T1IN
T1
3
+5V
T3OUT
400k
Ω
T3IN
T3
1
+5V
T4OUT
400k
Ω
T4IN
T4
24
+5V
T5OUT
400k
Ω
T5IN
T5
20
5k
Ω
R1
R1OUT
R1IN
5k
Ω
R2
R2OUT
R2IN
5k
Ω
R3
R3OUT
R3IN
7
6
18
19
21
5
22
17
4
23
16
8
9
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS
0.1
μF
V+
0.1
μF
6.3V
0.1
μF
16V
C1+
C1-
0.1
μF
6.3V
0.1
μF
16V
V-
10
12
13
14
C2+
C2-
11
15
+5V TO +10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com