Electronic Components Datasheet Search
  English  ▼

X  

FM1608 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM1608
Description  64Kb Bytewide FRAM Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1608 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM1608 Datasheet HTML 1Page - Ramtron International Corporation FM1608 Datasheet HTML 2Page - Ramtron International Corporation FM1608 Datasheet HTML 3Page - Ramtron International Corporation FM1608 Datasheet HTML 4Page - Ramtron International Corporation FM1608 Datasheet HTML 5Page - Ramtron International Corporation FM1608 Datasheet HTML 6Page - Ramtron International Corporation FM1608 Datasheet HTML 7Page - Ramtron International Corporation FM1608 Datasheet HTML 8Page - Ramtron International Corporation FM1608 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This data sheet contains design specifications for product development.
Ramtron International Corporation
These specifications may change in any manner without notice
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000, Fax (719) 481-7058
www.ramtron.com
28 July 2000
1/12
FM1608
64Kb Bytewide FRAM Memory
Features
64K bit Ferroelectric Nonvolatile RAM
•
Organized as 8,192 x 8 bits
•
High endurance 10 Billion (10
10) read/writes
•
10 year data retention at 85
° C
•
NoDelay™ write
•
Advanced high-reliability ferroelectric process
Superior to BBSRAM Modules
•
No battery concerns
•
Monolithic reliability
•
True surface mount solution, no rework steps
•
Superior for moisture, shock, and vibration
•
Resistant to negative voltage undershoots
SRAM & EEPROM Compatible
•
JEDEC 8Kx8 SRAM & EEPROM pinout
•
120 ns access time
•
180 ns cycle time
•
Equal access & cycle time for reads and writes
Low Power Operation
•
15 mA active current
•
20
µA standby current
Industry Standard Configuration
•
Industrial temperature -40
° C to +85° C
•
28-pin SOP or DIP
Description
The FM1608 is a 64-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile but operates in other respects as a RAM.
It provides data retention for 10 years while
eliminating
the
reliability
concerns,
functional
disadvantages and system design complexities of
battery-backed SRAM. Its fast write and high write
endurance make it superior to other types of
nonvolatile memory.
In-system operation of the FM1608 is very similar to
other RAM based devices. Memory read- and write-
cycles require equal times. The FRAM memory,
however, is nonvolatile due to its unique ferroelectric
memory process. Unlike BBSRAM, the FM1608 is a
truly monolithic nonvolatile memory. It provides the
same functional benefits of a fast write without the
serious disadvantages associated with modules and
batteries or hybrid memory solutions.
These capabilities make the FM1608 ideal for
nonvolatile memory applications requiring frequent or
rapid
writes
in
a
bytewide
environment.
The
availability of a true surface-mount package improves
the manufacturability of new designs, while the DIP
package facilitates simple design retrofits. The
FM1608
offers
guaranteed
operation
over
an
industrial temperature range of -40°C to +85°C.
Pin Configuration
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
DQ3
DQ4
DQ5
DQ6
DQ7
CE
A10
OE
A11
A9
A8
NC
WE
VDD
Ordering Information
FM1608-120-P
120 ns access, 28-pin plastic DIP
FM1608-120-S
120 ns access, 28-pin SOP


Similar Part No. - FM1608

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B-SG RAMTRON-FM1608B-SG Datasheet
94Kb / 11P
64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B-SG CYPRESS-FM1608B-SG Datasheet
342Kb / 14P
64Kb Bytewide 5V F-RAM Memory
More results

Similar Description - FM1608

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
64Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
256Kb 2.7-3.6V Bytewide FRAM Memory
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
256Kb Bytewide FRAM Memory
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
256Kb Bytewide FRAM Memory
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
1Mbit Bytewide FRAM Memory - Industrial Temp.
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com