Electronic Components Datasheet Search
  English  ▼

X  

FM1608 Datasheet(PDF) 10 Page - Ramtron International Corporation

Part # FM1608
Description  64Kb Bytewide FRAM Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1608 Datasheet(HTML) 10 Page - Ramtron International Corporation

Back Button FM1608 Datasheet HTML 4Page - Ramtron International Corporation FM1608 Datasheet HTML 5Page - Ramtron International Corporation FM1608 Datasheet HTML 6Page - Ramtron International Corporation FM1608 Datasheet HTML 7Page - Ramtron International Corporation FM1608 Datasheet HTML 8Page - Ramtron International Corporation FM1608 Datasheet HTML 9Page - Ramtron International Corporation FM1608 Datasheet HTML 10Page - Ramtron International Corporation FM1608 Datasheet HTML 11Page - Ramtron International Corporation FM1608 Datasheet HTML 12Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Ramtron
FM1608
28 July 2000
10/12
Write Cycle Timing - /WE Controlled Timing
Power Cycle Timing
Data Retention TA = -40
° C to + 85° C, VDD = 4.5V to 5.5V unless otherwise specified
Parameter
Min
Units
Notes
Data Retention
10
Years
1
Notes
1.
Data retention is specified at 85
° C. The relationship between retention, temperature, and the associated
reliability level is characterized separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com