Electronic Components Datasheet Search
  English  ▼

X  

RT2820D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RT2820D
Description  CMOS LSI
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT2820D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RT2820D Datasheet HTML 1Page - List of Unclassifed Manufacturers RT2820D Datasheet HTML 2Page - List of Unclassifed Manufacturers RT2820D Datasheet HTML 3Page - List of Unclassifed Manufacturers RT2820D Datasheet HTML 4Page - List of Unclassifed Manufacturers RT2820D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RT2820D
2-Sound Generator
2001.05.23
Preliminary
Rato
4
Maximum Ratings
Characteristic
Symbol
Rating
Unit
Supply voltage
VDD
-0.3~ 6.0
V
Operation Temperature
TOP
0 ~ +70
℃
Input voltage
VIN
(VSS-0.3) ~ (VDD+0.3)
V
Storage Temperature
TSTR
-50 ~ +125
℃
Electrical Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating Voltage
VDD
-
2.0
3.0
5.6
V
Operating Current
IDD
No Load
-
300
600
μA
Stand-by Current
Ist
VDD=3.0V
-
1
5
μA
Oscillator Frequency
fosc
ROSC=240KΩ
-
64
-
KHz
Out source current
IOH
VOH=2.5V
-0.5
-1
-
mA
ENV source current
IENV
VOH=2.5V
-1
-1.5
-
mA
‘H’ level voltage
VIH
VDD=3V
2.1
-
-
mV
‘L’ level voltage
VIL
VDD=3V
-
-
0.9
mV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com