Electronic Components Datasheet Search
  English  ▼

X  

RT2820D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT2820D
Description  CMOS LSI
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT2820D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT2820D Datasheet HTML 1Page - List of Unclassifed Manufacturers RT2820D Datasheet HTML 2Page - List of Unclassifed Manufacturers RT2820D Datasheet HTML 3Page - List of Unclassifed Manufacturers RT2820D Datasheet HTML 4Page - List of Unclassifed Manufacturers RT2820D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RT2820D
2-Sound Generator
2001.05.23
Preliminary
Rato
1
簡介
簡介
簡介
簡介(Description):
RT2820D是㆒顆CMOS LSI 的㆓重聲音產生IC,內建鳥叫聲及Ding-Dong兩種聲音。
功能簡述
功能簡述
功能簡述
功能簡述(FEATURES) :
1. 操作電壓:3.0V 。
2. Stand-by 電流<1μA
(VDD=3V)。
3. 內建兩種聲音:鳥叫聲,Ding-Dong。
4. 有自動關機的功能。
產品應用
產品應用
產品應用
產品應用(APPLICATIONS) :
1. 門鈴。
2. 玩具。
腳位結構
腳位結構
腳位結構
腳位結構(PIN CONFIGURATION )


Similar Part No. - RT2820D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
RT2825GQV RICHTEK-RT2825GQV Datasheet
434Kb / 22P
4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
More results

Similar Description - RT2820D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7881 SANYO-LC7881 Datasheet
301Kb / 8P
CMOS LSI
LC78646E SANYO-LC78646E Datasheet
238Kb / 5P
CMOS LSI
LC99053 SANYO-LC99053 Datasheet
94Kb / 14P
CMOS LSI
logo
Motorola, Inc
MCM14537 MOTOROLA-MCM14537 Datasheet
384Kb / 8P
CMOS LSI
logo
List of Unclassifed Man...
MC1024N ETC-MC1024N Datasheet
216Kb / 4P
LSI CMOS
logo
Sanyo Semicon Device
LC72725V SANYO-LC72725V Datasheet
253Kb / 8P
CMOS LSI
LC8935 SANYO-LC8935 Datasheet
216Kb / 9P
CMOS LSI
LC587408A SANYO-LC587408A Datasheet
434Kb / 16P
CMOS LSI
LC75754M SANYO-LC75754M Datasheet
93Kb / 9P
CMOS LSI
LC78626KE SANYO-LC78626KE Datasheet
235Kb / 33P
CMOS LSI
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com