Electronic Components Datasheet Search
  English  ▼

X  

RT9262ACS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9262ACS
Description  HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9262ACS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9262ACS Datasheet HTML 1Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 2Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 3Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 4Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 5Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 6Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 7Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 8Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT9262/A
Preliminary
www.richtek.com
DS9262/A-04 August 2002
4
Pin Description
Pin No.
RT9262
RT9262A
Pin Name
Pin Function
11
GND
Ground
2
2
EXT
Output pin for driving external NMOS or NPN
When driving an NPN, a resistor should be added for limiting base current.
3--
LFB
Feedback pin of the built-in LDO (Internal Vref = 0.86V)
4--
LDOO
Voltage output pin of the built-in LDO
--
3
LBO
Drain output pin of the NMOS of the built-in low voltage detector
This pin will be internally pulled low when the voltage at LBI pin drops to
below 0.86V.
--
4
LBI
Input pin of the built-in low voltage detector
Trip point = 0.86V
55
FB
Feedback input pin
Internal reference voltage for the error amplifier is 1.25V.
66
VDD
Input positive power pin of RT9262/A
77
LX
Pin for switching
88
CE
Chip enable
RT9262/A gets into shutdown mode when CE pin set to low.
Absolute Maximum Ratings
Supply Voltage
-0.3V to 7V
LX Pin Switch Voltage
-0.3V to (VDD + 0.8V)
LDO Output Voltage
-0.3V to (VDD + 0.3V)
Other I/O Pin Voltages
-0.3V to (VDD + 0.3V)
LX Pin Switch Current
2.5A
EXT Pin Driver Current
30mA
LBO Current
30mA
Power Dissipation, PD @ TA = 25°C
SOP-8
0.625W
• Package Thermal Resistance
SOP-8,
θJA
160
°C/W
Operating Junction Temperature
150
°C
Storage Temperature Range
-65
°C ~ +150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com