Electronic Components Datasheet Search
  English  ▼

X  

RT9262ACS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9262ACS
Description  HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9262ACS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9262ACS Datasheet HTML 1Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 2Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 3Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 4Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 5Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 6Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 7Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 8Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9262/A
Preliminary
www.richtek.com
DS9262/A-04 August 2002
2
Marking Information
Part Number
Marking
RT9262CS
RT9262CS
RT9262ACS
RT9262ACS
Typical Application Circuit
Fig. 1 RT9262 Typical Application for Portable Instruments below 400mA
Fig. 2 RT9262A Typical Application for Portable Instruments below 400mA
C1
100
µF
VDD
CE
RT9262
EXT
L DOO
L X
L F B
GN D
FB
3.3V
VOUT1
C2
1
µF
D1
L1
4.7
µH
R1
1.6M
R2
980K
R4
1.3M
R3
680K
C3
10
µF
2.5V
VOUT2
VIN
100pF
1nF
100
µF
VDD
CE
RT9262A
EXT
L B O
L X
L B I
G N D
F B
3.3V
VOUT1
C2
1
µF
D1
L1
4.7
µH
R1
1.6M
R2
980K
R4
R3
Low Battery
Warning Output
(Open Collector)
VIN
100pF
C1
100
µF
100
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com